전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC9S08SH4MPJR 데이터시트(PDF) 189 Page - Freescale Semiconductor, Inc

부품명 MC9S08SH4MPJR
상세설명  Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR 데이터시트(HTML) 189 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 185Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 186Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 187Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 188Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 189Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 190Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 191Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 192Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 338 page
background image
Chapter 12 Modulo Timer (S08MTIMV1)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
189
12.3.2
MTIM Clock Configuration Register (MTIMCLK)
MTIMCLK contains the clock select bits (CLKS) and the prescaler select bits (PS).
7
654
3
210
R
0
0
CLKS
PS
W
Reset:
0
0
0
0
0
0
0
0
Figure 12-5. MTIM Clock Configuration Register
Table 12-3. MTIM Clock Configuration Register Field Description
Field
Description
7:6
Unused register bits, always read 0.
5:4
CLKS
Clock Source Select — These two read/write bits select one of four different clock sources as the input to the
MTIM prescaler. Changing the clock source while the counter is active does not clear the counter. The count
continues with the new clock source. Reset clears CLKS to 000.
00
Encoding 0. Bus clock (BUSCLK)
01
Encoding 1. Fixed-frequency clock (XCLK)
10
Encoding 3. External source (TCLK pin), falling edge
11
Encoding 4. External source (TCLK pin), rising edge
All other encodings default to the bus clock (BUSCLK).
3:0
PS
Clock Source Prescaler — These four read/write bits select one of nine outputs from the 8-bit prescaler.
Changing the prescaler value while the counter is active does not clear the counter. The count continues with the
new prescaler value. Reset clears PS to 0000.
0000 Encoding 0. MTIM clock source
÷ 1
0001 Encoding 1. MTIM clock source
÷ 2
0010 Encoding 2. MTIM clock source
÷ 4
0011 Encoding 3. MTIM clock source
÷ 8
0100 Encoding 4. MTIM clock source
÷ 16
0101 Encoding 5. MTIM clock source
÷ 32
0110 Encoding 6. MTIM clock source
÷ 64
0111 Encoding 7. MTIM clock source
÷ 128
1000 Encoding 8. MTIM clock source
÷ 256
All other encodings default to MTIM clock source
÷ 256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com