전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

76650-0122 데이터시트(PDF) 1 Page - MolexKits

부품명 76650-0122
상세설명  Right Angle Header and IDT Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEXKITS [MolexKits]
홈페이지  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

76650-0122 데이터시트(HTML) 1 Page - MolexKits

  76650-0122 Datasheet HTML 1Page - MolexKits 76650-0122 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0122
• Car Radios
• Televisions
• Computer Peripherals
• Telecommunications
• Mates with industry standard .050" cable
• Two points of contact between the header
and receptacle
• Tested to meet the high vibration/shock
requirements of automotive and consumer
electronics industries
Features and Benefits
Applications
Right Angle
Picoflex has a mated height of 6.40mm for vertical mating configurations, which is
approximately 15% less that traditional .050" connector systems. A strong one-
piece upper housing provides excellent cable retention and is ideal for small circuit
size application. The high-reliability contact features a four-point interface with the
cable and two points of contact between the header and receptacle. Picoflex also
offers excellent polarization to both the PCB and between the female connector and
header.
Voltage:
4, 6, 8, 10, 12, and 16
Current Rating:
1.2 Amps
General Information
Molex / Waldom
Wire-to-Board
1.27mm (.050")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
76650-0122
Manufacturer:
Country of Origin:
Picoflex®
Certificates:
Right Angle Header and IDT Receptacle
(Molex Parts within this kit) - RoHS Compliant, UL, CSA
Title:
Picoflex Connector Kit
Specifications
Product Highlights
Flat Cable size:
250 Volts
28-26 AWG
Circuit Sizes:
Pitch:
Mounting
Orientation:
Connector Type:
Insulation Displacement Technology Receptacles and Right Angle Headers
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


유사한 부품 번호 - 76650-0122

제조업체부품명데이터시트상세설명
logo
MolexKits
76650-0120 MOLEXKITS-76650-0120 Datasheet
37Kb / 2P
SMT Vertical Header, ZIF with Flip-Type Secure Actuator
76650-0121 MOLEXKITS-76650-0121 Datasheet
38Kb / 2P
IDT Board-In Right Angle Receptacle Header
76650-0123 MOLEXKITS-76650-0123 Datasheet
42Kb / 2P
SMT Vertical Header and IDT Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0125 MOLEXKITS-76650-0125 Datasheet
43Kb / 2P
Friction Lock Plug and Receptacle
More results

유사한 설명 - 76650-0122

제조업체부품명데이터시트상세설명
logo
MolexKits
76650-0016 MOLEXKITS-76650-0016 Datasheet
39Kb / 2P
Right Angle Header and Receptacle
76650-0121 MOLEXKITS-76650-0121 Datasheet
38Kb / 2P
IDT Board-In Right Angle Receptacle Header
76650-0123 MOLEXKITS-76650-0123 Datasheet
42Kb / 2P
SMT Vertical Header and IDT Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0137 MOLEXKITS-76650-0137 Datasheet
43Kb / 2P
IDT SMT Vertical Header and Receptacle
76650-0139 MOLEXKITS-76650-0139 Datasheet
43Kb / 2P
IDT SMT Right Angle Header and Receptacle
76650-0140 MOLEXKITS-76650-0140 Datasheet
44Kb / 2P
IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
Vertical and Right Angle Header and Receptacle.
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
Vertical and Right Angle Header, IDT Receptacle
76650-0188 MOLEXKITS-76650-0188 Datasheet
40Kb / 3P
Vertical Header and IDT Receptacle
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com