| 전자부품 데이터시트 검색엔진 |
|
PIC12F1822-E/P 데이터시트(PDF) 160 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F1822-E/P 데이터시트(HTML) 160 Page - Microchip Technology |
|
160 / 398 page ![]() PIC12F/LF1822/16F/LF1823 DS41413A-page 160 Preliminary 2010 Microchip Technology Inc. FIGURE 18-2: COMPARATOR 1 MODULE SIMPLIFIED BLOCK DIAGRAM (PIC12F/LF1822) Note 1: When C1ON = 0, the Comparator will produce a ‘0’ at the output. 2: When C1ON = 0, all multiplexer inputs are disconnected. 3: Output of comparator can be frozen during debugging. MUX Cx(3) 0 1 C1ON(1) CxNCH<1:0> 2 0 1 C1PCH<1:0> C1IN1- C1IN+ MUX - + C1VN C1VP C1OUT To ECCP PWM Logic Q1 D EN Q C1POL MC1OUT Set C1IF 0 1 C1SYNC C1OE C1OUT DQ SYNCC1OUT DAC FVR Buffer2 C1IN0- 2 C1SP C1HYS det Interrupt det Interrupt C1INTN C1INTP To Data Bus 2 3 TRIS bit C1ON (2) (2) (from Timer1) T1CLK To Timer1 or SR Latch VSS |