| 전자부품 데이터시트 검색엔진 |
|
PIC18F23K22 데이터시트(PDF) 137 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22 데이터시트(HTML) 137 Page - Microchip Technology |
|
137 / 492 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412B-page 137 PIC18(L)F2X/4XK22 5 SRNQ CCP3(3) SDO1 P1B C2OUT P3A(3) RC5 RD5 RA5 P2B(1)(4) RB5 6 OSC2 PGC TX1/CK1 TX2/CK2 CLKO TX2/CK2(1) CCP3(1)(7) P1C RA6 RB6 P3A(1)(7) RD6 ICDCK RC6 7RA7 OSC1 PGD RX1/DT1 RX2/DT2 RA7 RX2/DT2(1) P3B(1) P1D RB7 RC7 RD7 ICDDT TABLE 10-4: PORT PIN FUNCTION PRIORITY (CONTINUED) Port bit Port Function Priority by Port Pin PORTA PORTB PORTC PORTD(2) PORTE(2) Note 1: PIC18(L)F2XK22 devices. 2: PIC18(L)F4XK22 devices. 3: Function default pin. 4: Function default pin (28-pin devices). 5: Function default pin (40/44-pin devices). 6: Function alternate pin. 7: Function alternate pin (28-pin devices). 8: Function alternate pin (40/44-pin devices) |