전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F722-I/ML 데이터시트(PDF) 129 Page - Microchip Technology

부품명 PIC16F722-I/ML
상세설명  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-I/ML 데이터시트(HTML) 129 Page - Microchip Technology

Back Button PIC16F722-I/ML Datasheet HTML 125Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 126Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 127Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 128Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 129Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 130Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 131Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 132Page - Microchip Technology PIC16F722-I/ML Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 302 page
background image
© 2009 Microchip Technology Inc.
41341E-page 129
PIC16F72X/PIC16LF72X
14.0
CAPACITIVE SENSING
MODULE
The capacitive sensing module allows for an interaction
with an end user without a mechanical interface. In a
typical application, the capacitive sensing module is
attached to a pad on a printed circuit board (PCB), which
is electrically isolated from the end user. When the end
user places their finger over the PCB pad, a capacitive
load is added, causing a frequency shift in the capacitive
sensing module. The capacitive sensing module
requires software and at least one timer resource to
determine the change in frequency. Key features of this
module include:
• Analog MUX for monitoring multiple inputs
• Capacitive sensing oscillator
• Multiple timer resources
• Software control
• Operation during Sleep
FIGURE 14-1:
CAPACITIVE SENSING BLOCK DIAGRAM
T0CS
CPS0
CPS1
CPS2
CPS3
CPS4
CPS5
CPS6
CPS7
CPS8(1)
CPS9(1)
CPS10(1)
CPSCH<3:0>(2)
Capacitive
Sensing
Oscillator
CPSOSC
CPSON
CPSRNG<1:0>
TMR0
0
1
Set
T0IF
Overflow
T0XCS
0
1
T0CKI
T1CS<1:0>
T1OSC/
T1CKI
TMR1H:TMR1L
EN
T1GSEL<1:0>
Timer1 Gate
Control Logic
T1G
CPSOUT
TMR2
Timer2 Module
Set
TMR2IF
Overflow
Postscaler
CPS11(1)
CPS12(1)
CPS13(1)
CPS14(1)
CPS15(1)
CPSCLK
Note 1: Channels CPS<15:8> are implemented on PIC16F724/727/PIC16LF724/727 only.
2: CPSCH3 is not implemented on PIC16F722/723/726/PIC16LF722/723/726.
3: If CPSON = 0, disabling capacitive sensing, no channel is selected.
FOSC/4
FOSC
FOSC/4
Timer0 Module
Timer1 Module
CPSON(3)
WDT
WDT
Event
Overflow
Watchdog Timer Module
Scaler
PS<2:0>
LP WDT
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More