전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EM357-RTB 데이터시트(PDF) 230 Page - List of Unclassifed Manufacturers

부품명 EM357-RTB
상세설명  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTB 데이터시트(HTML) 230 Page - List of Unclassifed Manufacturers

Back Button EM357-RTB Datasheet HTML 226Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 227Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 228Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 229Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 230Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 231Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 232Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 233Page - List of Unclassifed Manufacturers EM357-RTB Datasheet HTML 234Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 240 page
background image
EM351 / EM357
Appendix A Register Address Table
BLOCK
CM_LV
40004000 - 40004038 CM_LV
Address
Name
Type
Reset
Description
40004038
PERIPHERAL_DISABLE
RW
0
Peripheral Disable Register
BLOCK
INTERRUPTS
4000A000 - 4000AFFF Interrupts
Address
Name
Type
Reset
Description
4000A800
INT_TIM1FLAG
RW
0
Timer 1 Interrupt Flag Register
4000A804
INT_TIM2FLAG
RW
0
Timer 2 Interrupt Flag Register
4000A808
INT_SC1FLAG
RW
0
Serial Controller 1 Interrupt Flag Register
4000A80C
INT_SC2FLAG
RW
0
Serial Controller 2 Interrupt Flag Register
4000A810
INT_ADCFLAG
RW
0
ADC Interrupt Flag Register
4000A814
INT_GPIOFLAG
RW
0
GPIO Interrupt Flag Register
4000A818
INT_TIM1MISS
RW
0
Timer 1 Missed Interrupt Register
4000A81C
INT_TIM2MISS
RW
0
Timer 2 Missed Interrupts Register
4000A820
INT_MISS
RW
0
Top-Level Missed Interrupts Register
4000A840
INT_TIM1CFG
RW
0
Timer 1 Interrupt Configuration Register
4000A844
INT_TIM2CFG
RW
0
Timer 2 Interrupt Configuration Register
4000A848
INT_SC1CFG
RW
0
Serial Controller 1 Interrupt Configuration Register
4000A84C
INT_SC2CFG
RW
0
Serial Controller 2 Interrupt Configuration Register
4000A850
INT_ADCCFG
RW
0
ADC Interrupt Configuration Register
4000A854
SC1_INTMODE
RW
0
Serial Controller 1 Interrupt Mode Register
4000A858
SC2_INTMODE
RW
0
Serial Controller 2 Interrupt Mode Register
4000A860
GPIO_INTCFGA
RW
0
GPIO Interrupt A Configuration Register
4000A864
GPIO_INTCFGB
RW
0
GPIO Interrupt B Configuration Register
4000A868
GPIO_INTCFGC
RW
0
GPIO Interrupt C Configuration Register
4000A86C
GPIO_INTCFGD
RW
0
GPIO Interrupt D Configuration Register
A-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More