전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4580-E/ML 데이터시트(PDF) 281 Page - Microchip Technology

부품명 PIC18F4580-E/ML
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML 데이터시트(HTML) 281 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 277Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 278Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 279Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 280Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 281Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 282Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 283Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 284Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 285Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 281
PIC18F2480/2580/4480/4580
24.2
CAN Module Registers
There are many control and data registers associated
with the CAN module. For convenience, their
descriptions have been grouped into the following
sections:
• Control and Status Registers
• Dedicated Transmit Buffer Registers
• Dedicated Receive Buffer Registers
• Programmable TX/RX and Auto RTR Buffers
• Baud Rate Control Registers
• I/O Control Register
• Interrupt Status and Control Registers
Detailed descriptions of each register and their usage
are described in the following sections.
24.2.1
CAN CONTROL AND STATUS
REGISTERS
The registers described in this section control the
overall operation of the CAN module and show its
operational status.
Note:
Not all CAN registers are available in the
Access Bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More