| 전자부품 데이터시트 검색엔진 |
|
PIC18F23K22-I/ML 데이터시트(PDF) 491 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-I/ML 데이터시트(HTML) 491 Page - Microchip Technology |
|
491 / 492 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412B-page 491 PIC18(L)F2X/4XK22 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC18F46K22, PIC18LF46K22 PIC18F45K22, PIC18LF45K22 PIC18F44K22, PIC18LF44K22 PIC18F43K22, PIC18LF43K22 PIC18F26K22, PIC18LF26K22 PIC18F25K22, PIC18LF25K22 PIC18F24K22, PIC18LF24K22 PIC18F23K22, PIC18LF23K22 Packaging Option: blank = standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: E= -40 C to +125C (Extended) I= -40 C to +85C (Industrial) Package: ML = QFN MV = UQFN P= PDIP PT = TQFP (Thin Quad Flatpack) SO = SOIC SP = Skinny Plastic DIP SS = SSOP Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) PIC18F46K22-E/P 301 = Extended temp., PDIP package, QTP pattern #301. b) PIC18F46K22-I/SO = Industrial temp., SOIC package. c) PIC18F46K22-E/P = Extended temp., PDIP package. d) PIC18F46K22T-I/ML = Tape and reel, Industrial temp., QFN package. Note 1: Tape and Reel option is available for ML, MV, PT, SO and SS packages with industrial Temperature Range only. X Packaging Option - |