| 전자부품 데이터시트 검색엔진 |
|
68HC705SP7 데이터시트(PDF) 153 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 데이터시트(HTML) 153 Page - Freescale Semiconductor, Inc |
|
153 / 230 page ![]() Core Timer COP Watchdog MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Core Timer COPC — COP Clear This write-only bit resets the COP watchdog. The COP watchdog is active in the run, wait, and halt modes of operation if the COP is enabled by setting the COPEN bit in the MOR. The STOP instruction disables the COP watchdog by clearing the counter and turning off its clock source. In applications that depend on the COP watchdog, the STOP instruction can be disabled by setting the SWAIT bit in the MOR. In applications that have wait cycles longer than the COP timeout period, the COP watchdog can be disabled by clearing the COPEN bit. Table 10-2 summarizes recommended conditions for enabling and disabling the COP watchdog. NOTE: If the voltage on the IRQ/VPP pin exceeds 1.5 × VDD, the COP watchdog turns off and remains off until the IRQ/VPP pin voltage falls below 1.5 × V DD. Table 10-2. COP Watchdog Recommendations Voltage on IRQ/VPP Pin SWAIT (in MOR)1 Wait/Halt Time Recommended COP Watchdog Condition Less than 1.5 × V DD 1 Less than COP Timeout Period Enabled2 Less than 1.5 × V DD 1 Greater than COP Timeout Period Disabled Less than 1.5 × V DD 0X3 Disabled More than 1.5 × V DD X X Disabled NOTES: 1. The SWAIT bit in the MOR converts STOP instructions to HALT instructions. 2. Reset the COP watchdog immediately before executing the WAIT/HALT instruction. 3. X = don’t care. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |