| 전자부품 데이터시트 검색엔진 |
|
MAC7200 데이터시트(PDF) 229 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 데이터시트(HTML) 229 Page - Freescale Semiconductor, Inc |
|
229 / 976 page ![]() A7S Nexus3 Programmers Model MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 151 NOTE In a multi-nexus environment, the CSC and PCR may be implemented in a separate module at the SoC level. If implemented, the values at the SoC level will override the settings in the Nexus module. 11.10.3 A7S Nexus3 Register Definitions Detailed register definitions are as follows: 11.10.3.1 Client Select Control (CSC) The Client Select Control Register determines which Nexus client is under development. 11.10.3.2 Development Control (DC) The Development Control Register is used to control basic development features of A7S Nexus3. Offset see Table 11-21 Access: User read/write 76 54 321 0 R CSC W Reset 000 00 000 Figure 11-5. Client Select Control Register (CSC) Table 11-22. Client Select Register Field Description Field Description 7–0 CSC Client Select Control 0xXX Nexus client (SoC level) Offset see Table 11-21 Access: User read/write 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 R 000 EOC 0 PTM WEN 00 000 00 0 W Reset 000 00 000 00 000 00 0 15 14 13 12 11 10 9 876 54 321 0 R 000 00 000 OVC EIC TM W Reset 000 00 000 00 000 00 0 Figure 11-6. Development Control Register (DC) |