| 전자부품 데이터시트 검색엔진 |
|
MAC7200 데이터시트(PDF) 200 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 데이터시트(HTML) 200 Page - Freescale Semiconductor, Inc |
|
200 / 976 page ![]() Exception Table MAC7200 Microcontroller Family Reference Manual, Rev. 2 122 Freescale Semiconductor In Normal/Secured Bootloader mode, once AAMR[3] has been set (i.e.-Nibble 0 is marked as valid), the Shadow Block is no longer available at address $0000 0000. Any write to the AAMR that does not set bit 3 will leave the Shadow Block mirroring at address $0000 0000. As an example, in Normal/Secured Bootloader mode, the initial AAMR register value is $f000 0b88. If the user writes $f000 0bb0 to the AAMR register, the following configuration will be set: However, if the user writes $f000 0bb8 to the AAMR register, the following configuration will be set: 9.17 Exception Table See Section 7.2, “Exception Handling”. Table 9-21. Before After $0000 0000 Shadow Block $0000 0000 Shadow Block $2000 0000 Main Flash array $2000 0000 SRAM $20F0 0000 Shadow Block Table 9-22. Before After $0000 0000 Shadow Block $0000 0000 Main Flash array $20F0 0000 Shadow Block $2000 0000 Main Flash array $2000 0000 SRAM $20F0 0000 Shadow Block |