| 전자부품 데이터시트 검색엔진 |
|
S312XDP512F0MPVR 데이터시트(PDF) 164 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S312XDP512F0MPVR 데이터시트(HTML) 164 Page - Freescale Semiconductor, Inc |
|
164 / 1348 page ![]() Chapter 5 Analog-to-Digital Converter (S12ATD10B8CV2) MC9S12XDP512 Data Sheet, Rev. 2.21 164 Freescale Semiconductor ATDDR3L 10-BIT BIT 1 U BIT 0 U 0 0 0 0 0 0 0 0 0 0 0 0 8-BIT W ATDDR4H 10-BIT BIT 9 MSB BIT 7 MSB BIT 8 BIT 6 BIT 7 BIT 5 BIT 6 BIT 4 BIT 5 BIT 3 BIT 4 BIT 2 BIT 3 BIT 1 BIT 2 BIT 0 8-BIT W ATDDR4L 10-BIT BIT 1 U BIT 0 U 0 0 0 0 0 0 0 0 0 0 0 0 8-BIT W ATDD45H 10-BIT BIT 9 MSB BIT 7 MSB BIT 8 BIT 6 BIT 7 BIT 5 BIT 6 BIT 4 BIT 5 BIT 3 BIT 4 BIT 2 BIT 3 BIT 1 BIT 2 BIT 0 8-BIT W ATDD45L 10-BIT BIT 1 U BIT 0 U 0 0 0 0 0 0 0 0 0 0 0 0 8-BIT W ATDD46H 10-BIT BIT 9 MSB BIT 7 MSB BIT 8 BIT 6 BIT 7 BIT 5 BIT 6 BIT 4 BIT 5 BIT 3 BIT 4 BIT 2 BIT 3 BIT 1 BIT 2 BIT 0 8-BIT W ATDDR6L 10-BIT BIT 1 U BIT 0 U 0 0 0 0 0 0 0 0 0 0 0 0 8-BIT W ATDD47H 10-BIT BIT 9 MSB BIT 7 MSB BIT 8 BIT 6 BIT 7 BIT 5 BIT 6 BIT 4 BIT 5 BIT 3 BIT 4 BIT 2 BIT 3 BIT 1 BIT 2 BIT 0 8-BIT W ATDD47L 10-BIT BIT 1 U BIT 0 U 0 0 0 0 0 0 0 0 0 0 0 0 8-BIT W Right Justified Result Data Note: The read portion of the right justified result data registers has been divided to show the bit position when reading 10-bit and 8-bit conversion data. For more detailed information refer to Section 5.3.2.13, “ATD Conversion Result Registers (ATDDRx)”. ATDDR0H 10-BIT 0 0 0 0 0 0 0 0 0 0 0 0 BIT 9 MSB 0 BIT 8 0 8-BIT W ATDDR0L 10-BIT BIT 7 BIT 7 MSB BIT 6 BIT 6 BIT 5 BIT 5 BIT 4 BIT 4 BIT 3 BIT 3 BIT 2 BIT 2 BIT 1 BIT 1 BIT 0 BIT 0 8-BIT W Register Name Bit 7 654321 Bit 0 = Unimplemented or Reserved Figure 5-2. ATD Register Summary (Sheet 3 of 5) |