| 전자부품 데이터시트 검색엔진 |
|
PC312XDP512F0CFVR 데이터시트(PDF) 1309 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR 데이터시트(HTML) 1309 Page - Freescale Semiconductor, Inc |
|
1309 / 1348 page ![]() Appendix G Detailed Register Map MC9S12XDP512 Data Sheet, Rev. 2.21 Freescale Semiconductor 1311 0x001D Reserved R 0 0000000 W 0x001E IRQCR R IRQE IRQEN 000000 W 0x001F Reserved R 0 0000000 W 0x0020–0x0027 Debug Module (S12XDBG) Map Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x0020 DBGC1 R ARM 0 XGSBPE BDM DBGBRK COMRV W TRIG 0x0021 DBGSR R TBF EXTF 0 0 0 SSF2 SSF1 SSF0 W 0x0022 DBGTCR R TSOURCE TRANGE TRCMOD TALIGN W 0x0023 DBGC2 R 0 000 CDCM ABCM W 0x0024 DBGTBH R Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 W 0x0025 DBGTBL R Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 W 0x0026 DBGCNT R 0 CNT W 0x0027 DBGSCRX R 0 000 SC3 SC2 SC1 SC0 W 0x00281 1 This represents the contents if the Comparator A or C control register is blended into this address DBGXCTL (COMPA/C) R0 NDB TAG BRK RW RWE SRC COMPE W 0x00282 DBGXCTL (COMPB/D) R SZE SZ TAG BRK RW RWE SRC COMPE W 0x0029 DBGXAH R0 Bit 22 21 20 19 18 17 Bit 16 W 0x002A DBGXAM R Bit 15 14 13 12 11 10 9 Bit 8 W 0x002B DBGXAL R Bit 7 6 54321 Bit 0 W 0x002C DBGXDH R Bit 15 14 13 12 11 10 9 Bit 8 W 0x002D DBGXDL R Bit 7 654321 Bit 0 W 0x002E DBGXDHM R Bit 15 14 13 12 11 10 9 Bit 8 W 0x002F DBGXDLM R Bit 7 654321 Bit 0 W 0x001C–0x001F Port Integration Module (PIM) Map 3 of 5 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |