전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0CALR 데이터시트(PDF) 252 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0CALR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CALR 데이터시트(HTML) 252 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CALR Datasheet HTML 248Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 249Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 250Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 251Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 252Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 253Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 254Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 255Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 256Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
252
Freescale Semiconductor
Operation
RS2 – RS1 - C
⇒ NONE (translates to SBC R0, RS1, RS2)
Subtracts the carry bit and the content of register RS2 from the content of register RS1 using binary
subtraction and discards the result.
CCR Effects
Code and CPU Cycles
CPC
Compare with Carry
CPC
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RS1[15] & RS2[15] & result[15] | RS1[15] & RS2[15] & result[15]
C:
Set if there is a carry from the bit 15 of the result; cleared otherwise.
RS1[15] & RS2[15] | RS1[15] & result[15] | RS2[15] & result[15]
Source Form
Address
Mode
Machine Code
Cycles
CPC RS1, RS2
TRI
0
0
0
1
1
0
0
0
RS1
RS2
0
1
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More