전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0VALR 데이터시트(PDF) 514 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0VALR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0VALR 데이터시트(HTML) 514 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0VALR Datasheet HTML 510Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 511Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 512Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 513Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 514Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 515Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 516Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 517Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 518Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 1348 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.21
514
Freescale Semiconductor
11.5.3.1.6
RXEDGIF Description
The RXEDGIF interrupt is set when an active edge (falling if RXPOL = 0, rising if RXPOL = 1) on the
RXD pin is detected. Clear RXEDGIF by writing a “1” to the SCIASR1 SCI alternative status register 1.
11.5.3.1.7
BERRIF Description
The BERRIF interrupt is set when a mismatch between the transmitted and the received data in a single
wire application like LIN was detected. Clear BERRIF by writing a “1” to the SCIASR1 SCI alternative
status register 1. This flag is also cleared if the bit error detect feature is disabled.
11.5.3.1.8
BKDIF Description
The BKDIF interrupt is set when a break signal was received. Clear BKDIF by writing a “1” to the
SCIASR1 SCI alternative status register 1. This flag is also cleared if break detect feature is disabled.
11.5.4
Recovery from Wait Mode
The SCI interrupt request can be used to bring the CPU out of wait mode.
11.5.5
Recovery from Stop Mode
An active edge on the receive input can be used to bring the CPU out of stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com