전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0VALR 데이터시트(PDF) 748 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0VALR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0VALR 데이터시트(HTML) 748 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0VALR Datasheet HTML 744Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 745Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 746Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 747Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 748Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 749Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 750Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 751Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 752Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 748 / 1348 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.21
750
Freescale Semiconductor
Table 20-3. DBGC1 Field Descriptions
Field
Description
7
ARM
Arm Bit — The ARM bit controls whether the S12XDBG module is armed. This bit can be set and cleared by
user software and is automatically cleared on completion of a tracing session, or if a breakpoint is generated with
tracing not enabled. On setting this bit the state sequencer enters State1. When ARM is set, the only bits in the
S12XDBG module registers that can be written are ARM and TRIG.
0 Debugger disarmed
1 Debugger armed
6
TRIG
Immediate Trigger Request Bit — This bit when written to 1 requests an immediate trigger independent of
comparator or external tag signal status. When tracing is complete a forced breakpoint may be generated
depending upon DBGBRK and BDM bit settings. This bit always reads back a 0. Writing a 0 to this bit has no
effect. If both TSOURCE bits are clear no tracing is carried out. If tracing has already commenced using BEGIN-
or MID trigger alignment, it continues until the end of the tracing session as defined by the TALIGN bit settings,
thus TRIG has no affect. In secure mode tracing is disabled and writing to this bit has no effect.
0 Do not trigger until the state sequencer enters the Final State.
1 Enter Final State immediately and issue forced breakpoint request when trace buffer is full.
5
XGSBPE
XGATE S/W Breakpoint Enable — The XGSBPE bit controls whether an XGATE S/W breakpoint request is
passed to the S12XCPU. The XGATE S/W breakpoint request is handled by the S12XDBG module, which can
request an S12XCPU breakpoint depending on the state of this bit.
0 XGATE S/W breakpoint request is disabled
1 XGATE S/W breakpoint request is enabled
4
BDM
Background Debug Mode Enable — This bit determines if a S12X breakpoint causes the system to enter
Background Debug Mode (BDM) or initiate a Software Interrupt (SWI). It has no affect on S12XDBG functionality.
If this bit is set but the BDM is not enabled by the ENBDM bit in the BDM module, then breakpoints default to SWI.
0 Breakpoint to Software Interrupt if BDM inactive. Otherwise no breakpoint.
1 Breakpoint to BDM, if BDM enabled. Otherwise breakpoint to SWI
3–2
DBGBRK
S12XDBG Breakpoint Enable Bits — The DBGBRK bits control whether the debugger will request a breakpoint
to either S12XCPU or XGATE or both upon reaching the state sequencer Final State. If tracing is enabled, the
breakpoint is generated on completion of the tracing session. If tracing is not enabled, the breakpoint is
generated immediately. Please refer to Section 20.4.7 for further details. XGATE software breakpoints are
independent of the DBGBRK bits. XGATE software breakpoints force a breakpoint to the S12XCPU independent
of the DBGBRK bit field configuration. See Table 20-4.
1–0
COMRV
Comparator Register Visibility Bits — These bits determine which bank of comparator register is visible in the
8-byte window of the S12XDBG module address map, located between 0x0028 to 0x002F. Furthermore these
bits determine which register is visible at the address 0x0027. See Table 20-5.
Table 20-4. DBGBRK Encoding
DBGBRK
Resource Halted by Breakpoint
00
No breakpoint generated
01
XGATE breakpoint generated
10
S12XCPU breakpoint generated
11
Breakpoints generated for S12XCPU and XGATE
Table 20-5. COMRV Encoding
COMRV
Visible Comparator
Visible Register at 0x0027
00
Comparator A
DBGSCR1
01
Comparator B
DBGSCR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com