전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0VALR 데이터시트(PDF) 908 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0VALR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0VALR 데이터시트(HTML) 908 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0VALR Datasheet HTML 904Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 905Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 906Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 907Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 908Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 909Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 910Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 911Page - Freescale Semiconductor, Inc PC912XDP512F0VALR Datasheet HTML 912Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 908 / 1348 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
910
Freescale Semiconductor
Memory Map and Register Definition
This section provides a detailed description of all PIMregisters.
23.0.4
Module Memory Map
Table 23-2 shows the register map of the port integration module.
J
PJ7
TXCAN4
O
MSCAN4 transmit pin
GPIO
SCL0
O
Inter Integrated Circuit 0 serial clock line
TXCAN0
O
MSCAN0 transmit pin
GPIO/KWJ7
I/O
General-purpose I/O with interrupt
PJ6
RXCAN4
I
MSCAN4 receive pin
SDA0
I/O
Inter Integrated Circuit 0 serial data line
RXCAN0
I
MSCAN0 receive pin
GPIO/KWJ6
I/O
General-purpose I/O with interrupt
PJ5
CS2
O
Chip select 2
GPIO/KWJ7
I/O
General-purpose I/O with interrupt
PJ4
CS0
O
Chip select 0
GPIO/KWJ6
I/O
General-purpose I/O with interrupt
PJ2
CS1
O
Chip select 1
GPIO/KWJ2
I/O
General-purpose I/O with interrupt
PJ1
TXD2
O
Serial Communication Interface 2 transmit pin
GPIO/KWJ1
I/O
General-purpose I/O with interrupt
PJ0
RXD2
I
Serial Communication Interface 2 receive pin
CS3
O
Chip select 3
GPIO/KWJ0
I/O
General-purpose I/O with interrupt
AD0
PAD[07:00]
GPIO
I/O
General-purpose I/O
GPIO
AN[7:0]
I
ATD0 analog inputs
AD1
PAD[23:08]
GPIO
I/O
General-purpose I/O
GPIO
AN[15:0]
I
ATD1 analog inputs
1. Function active when RESET asserted.
2. Only available in emulation modes or in Special Test Mode with IVIS on.
3. Refer also to Table 23-70 and S12X_EBI section.
Table 23-1. Pin Functions and Priorities (Sheet 7 of 7)
Port
Pin Name
Pin Function
and Priority
I/O
Description
Pin Function
after Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com