| 전자부품 데이터시트 검색엔진 |
|
SPMCK16Z4MPV16 데이터시트(PDF) 476 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 데이터시트(HTML) 476 Page - Freescale Semiconductor, Inc |
|
476 / 500 page ![]() INITIALIZATION AND PROGRAMMING EXAMPLES M68HC16 Z SERIES E-24 USER’S MANUAL E.2.3 QSM/SCI Programming Example The following programming example involves using a port of the serial communication interface (SCI), one of the serial interfaces of the queued serial module (QSM), to dis- play a message on a dummy terminal. Refer to SECTION 9 QUEUED SERIAL MODULE for more information on the QSM or the SCI. E.2.3.1 Example 6 - Using an SCI Port * Description : This program uses the SCI port to display * a shameless message on a dummy terminal. It includes * a subroutine to print a single character to the SCI * and a subroutine that uses the single character * subroutine to print an entire string. * ************************************************************************* INCLUDE 'EQUATES.ASM' ;table of EQUates for common register addresses INCLUDE 'ORG00000.ASM' ;initialize reset vector INCLUDE 'ORG00008.ASM' ;initialize interrupt vectors ORG $0200 ;start program after exception vector table ***** Initialize ***** INIT: INCLUDE 'INITSYS.ASM' ;initially set EK=F, XK=0, YK=0, ZK=0 ;set sys clock at 16.78 MHz, disable COP INCLUDE 'INITRAM.ASM' ;turn on internal SRAM at $10000 ;set stack (SK=1, SP=03FE) INCLUDE 'INITSCI.ASM' ;set the SCI baud rate to 9600 baud ;enable the SCI receiver and transmitter LDAB #$00 TBXK ;set XK to bank 0 for STRING access LDAB #$01 TBZK ;set ZK to bank 1 for delay counter access LDZ #$0000 ;clear IZ for later use with delay counter ***** Main Program ***** MAIN LDX #STRING ;point to the beginning of ASCII string JSR SEND_STRING ;go output the ASCII string BRA MAIN ;branch back to main ***** Subroutines ***** SEND_STRING: ;subroutine to send out the entire ASCII string LDAB 0,X ;get next byte in string as pointed to by IX BEQ STRING_DONE ;if B=00, then goto delay between messages JSR SEND_CH ;go send out the byte Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |