전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ECQE2W104MHR 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 ECQE2W104MHR
상세설명  Plastic Film Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2W104MHR 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  ECQE2W104MHR Datasheet HTML 1Page - Panasonic Semiconductor ECQE2W104MHR Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
Metallized Polyester Film Capacitor
Type:
ECQE(H)
Non-inductive construction using metallized Polyester
film with flame retardant epoxy resin coating for active
filter
IFeatures
Smaller size
Self-healing property
Excellent electrical characteristics
Flame retardant epoxy resin coating
RoHS directive compliant
IRecommended Applications
Active filter circuit
IExplanation of Part Numbers
123456789
10
11
12
E
C
Q
E
2
W
H
IExplanation of Part Number for Odd Size Taping
ISpecifications
Product code
Dielectric &
construction
Rated
voltage
Capacitance
Cap.
Tol.
Suffix
Suffix
Category temp. range
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor (tan )
Withstand voltage
Insulation resistance (IR)
– 40 ˚C to + 105 ˚C
450 VDC (Derating of rated voltage by 1.25%/˚C at more than 85 ˚C)
0.10 µF to 2.2 µF (E6)
±5 %(J), ±10 %(K)
tan <
=1.0 % (20 ˚C, 1 kHz)
Between terminals:Rated voltage (VDC)
✕150 % 60 s
Between terminals to enclosure :Rated voltage (VDC)
✕200 % 1 s to 5 s
C<
=0.33 µF : IR>
=9000 MΩ · µF
(20 :, 100 VDC, 60 s)
C>0.33 µF : IR>
=3000 MΩ · µF
❈ Application of this capacitor is limited to active filter circuit after the circuit of all wave rectification.
E
C
Q
E
2
W
R
H
Product code
Dielectric &
construction
Rated
voltage
Capacitance
Suffix
Cap.
Tol.
Suffix
2 W
450 VDC
J
K
±5 %
±10 %
Suffix
Blank
B
Lead Form
Straight
Crimped lead


유사한 부품 번호 - ECQE2W104MHR

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
ECQE2W105JH PANASONIC-ECQE2W105JH Datasheet
86Kb / 2P
Plastic Film Capacitors
ECQE2W105JHB PANASONIC-ECQE2W105JHB Datasheet
86Kb / 2P
Plastic Film Capacitors
ECQE2W105KH PANASONIC-ECQE2W105KH Datasheet
86Kb / 2P
Plastic Film Capacitors
ECQE2W105KHB PANASONIC-ECQE2W105KHB Datasheet
86Kb / 2P
Plastic Film Capacitors
More results

유사한 설명 - ECQE2W104MHR

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
Plastic Film Capacitors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com