전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5400 데이터시트(PDF) 1 Page - Jinan Gude Electronic Device

부품명 1N5400
상세설명  3.0 AMPS.SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JGD [Jinan Gude Electronic Device]
홈페이지  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

1N5400 데이터시트(HTML) 1 Page - Jinan Gude Electronic Device

  1N5400 Datasheet HTML 1Page - Jinan Gude Electronic Device 1N5400 Datasheet HTML 2Page - Jinan Gude Electronic Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


유사한 부품 번호 - 1N5400

제조업체부품명데이터시트상세설명
logo
SAMYANG ELECTRONICS CO....
1N5400 SAMYANG-1N5400 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400 Datasheet
61Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
More results

유사한 설명 - 1N5400

제조업체부품명데이터시트상세설명
logo
Yangzhou yangjie electr...
1N5391 YANGJIE-1N5391 Datasheet
690Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
logo
Jinan Gude Electronic D...
1N5391 JGD-1N5391 Datasheet
147Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
BY251 JGD-BY251 Datasheet
144Kb / 2P
   3.0 AMP.SILICON RECTIFIERS
logo
List of Unclassifed Man...
BY255 ETC-BY255 Datasheet
52Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
First Components Intern...
SR390 FCI-SR390 Datasheet
91Kb / 1P
   3.0 Amp SCHOTTKY RECTIFIERS
logo
Surge Components
1N5400 SURGE-1N5400 Datasheet
121Kb / 2P
   3.0 AMPS. SILICON RECTIFIERS?
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_1 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
1N5400 TSC-1N5400_11 Datasheet
228Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Shenzhen Yixinwei Techn...
1N5408 YIXIN-1N5408 Datasheet
276Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
BY251 TSC-BY251 Datasheet
65Kb / 2P
   3.0 AMPS. Silicon Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com