전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0351500390 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 0351500390
상세설명  1.78mm (.070") Tab Wire-to-Wire TPA?? 7.30mm (.287") Pitch, 3 Circuits, White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX4 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0351500390 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  0351500390 Datasheet HTML 1Page - Molex Electronics Ltd. 0351500390 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351500390
Status:
Active
Overview:
versablade
Description:
1.78mm (.070") Tab Wire-to-Wire TPA™, 7.30mm (.287") Pitch, 3 Circuits, White
Documents:
3D Model
Product Specification PS-35524-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35150-001 (PDF)
Agency Certification
CSA
LR19980
TUV
R72090206
UL
E29179
General
Product Family
Accessories
Series
35150
Comments
35150 VersaBlade™ Hybrid Receptacle Housing, 35151
Component Type
Retainer
Overview
versablade
Product Name
VersaBlade™
Physical
Circuits (Loaded)
3
Color - Resin
Natural
Flammability
94V-0
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35150-001, PS-35524-001
Sales Drawing
SD-35150-039*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35150Series
Use With
Mandatory TPA™ Clip, 43914-1101 ,
43938-2101
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 0351500390

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0351500392 MOLEX4-0351500392 Datasheet
72Kb / 2P
1.78mm (.070") Tab Wire-to-Wire TPA?? 7.30mm (.287") Pitch, 3 Circuits, Red
0351500393 MOLEX4-0351500393 Datasheet
72Kb / 2P
1.78mm (.070") Tab Wire-to-Wire TPA?
0351500394 MOLEX4-0351500394 Datasheet
72Kb / 2P
1.78mm (.070") Tab Wire-to-Wire TPA?? 7.30mm (.287") Pitch, 3 Circuits, Blue
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com