전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0424109226 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 0424109226
상세설명  Modular Jack, Vertical, 8/2, Keyed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX5 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0424109226 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  0424109226 Datasheet HTML 1Page - Molex Electronics Ltd. 0424109226 Datasheet HTML 2Page - Molex Electronics Ltd. 0424109226 Datasheet HTML 3Page - Molex Electronics Ltd. 0424109226 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0424109226
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Vertical, 8/2, Keyed
Documents:
3D Model
Product Specification PS-42410 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
42410
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
N/A
Keying to Mating Part
Yes
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Orientation
Vertical (Top Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
8/2
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42410Series


유사한 부품 번호 - 0424109226

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0424109224 MOLEX5-0424109224 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/2, Keyed, Panel Stops
More results

유사한 설명 - 0424109226

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0428789322 MOLEX5-0428789322 Datasheet
234Kb / 4P
Modular Jack, Vertical, Low Profile, 8/2, Keyed
0424109416 MOLEX5-0424109416 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/2, Keyed, Panel Stops
0424109224 MOLEX5-0424109224 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/2, Keyed, Panel Stops
0424108938 MOLEX5-0424108938 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/4, Keyed
0424108554 MOLEX5-0424108554 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/8, Keyed
0424108842 MOLEX5-0424108842 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/6, Keyed
0424109418 MOLEX5-0424109418 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/2, Keyed
0424108650 MOLEX5-0424108650 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/6, Keyed
0424109130 MOLEX5-0424109130 Datasheet
201Kb / 4P
Modular Jack, Vertical, 8/4, Keyed
0428789418 MOLEX5-0428789418 Datasheet
234Kb / 4P
Modular Jack, Vertical, Low Profile, 8/2, Keyed
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com