전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

51022-0600 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 51022-0600
상세설명  1.25mm (.049") Pitch Board-In Housing, 6 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX7 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51022-0600 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  51022-0600 Datasheet HTML 1Page - Molex Electronics Ltd. 51022-0600 Datasheet HTML 2Page - Molex Electronics Ltd. 51022-0600 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0510220600
Status:
Active
Description:
1.25mm (.049") Pitch Board-In Housing, 6 Circuits
Documents:
3D Model
Product Specification PS-51022-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51022-001 (PDF)
General
Product Family
Crimp Housings
Series
51022
Product Name
Board-In
Physical
Circuits (maximum)
6
Color - Resin
Natural
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51022-001, PS-51022-002, RPS-51022-001,
RPS-51022-002
Sales Drawing
SD-51022-**00, SD-51022-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51022Series
Use With
50061 , 50080
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 51022-0600

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
51022-0200 MOLEX7-51022-0200 Datasheet
136Kb / 3P
1.25mm (.049") Pitch Board-In Housing, 2 Circuits
51022-0300 MOLEX7-51022-0300 Datasheet
136Kb / 3P
1.25mm (.049") Pitch Board-In Housing, 3 Circuits
51022-0400 MOLEX7-51022-0400 Datasheet
136Kb / 3P
1.25mm (.049") Pitch Board-In Housing, 4 Circuits
51022-0500 MOLEX7-51022-0500 Datasheet
136Kb / 3P
1.25mm (.049") Pitch Board-In Housing, 5 Circuits
51022-0900 MOLEX11-51022-0900 Datasheet
104Kb / 2P
1.25 BOARD IN CONN. HOUSING
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com