전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT90PWM2 데이터시트(PDF) 130 Page - ATMEL Corporation

부품명 AT90PWM2
상세설명  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 데이터시트(HTML) 130 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 126Page - ATMEL Corporation AT90PWM2 Datasheet HTML 127Page - ATMEL Corporation AT90PWM2 Datasheet HTML 128Page - ATMEL Corporation AT90PWM2 Datasheet HTML 129Page - ATMEL Corporation AT90PWM2 Datasheet HTML 130Page - ATMEL Corporation AT90PWM2 Datasheet HTML 131Page - ATMEL Corporation AT90PWM2 Datasheet HTML 132Page - ATMEL Corporation AT90PWM2 Datasheet HTML 133Page - ATMEL Corporation AT90PWM2 Datasheet HTML 134Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 361 page
background image
130
4317J–AVR–08/10
AT90PWM2/3/2B/3B
16.3
PSC Description
Figure 16-1. Power Stage Controller 0 or 1 Block Diagram
Note:
n = 0, 1
The principle of the PSC is based on the use of a counter (PSC counter). This counter is able to
count up and count down from and to values stored in registers according to the selected run-
ning mode.
The PSC is seen as two symetrical entities. One part named part A which generates the output
PSCOUTn0 and the second one named part B which generates the PSCOUTn1 output.
Each part A or B has its own PSC Input Module to manage selected input.
OCRnRB
OCRnSB
OCRnRA
=
=
=
PSC Counter
Waveform
Generator B
PSC Input
Module B
PSC Input
Module A
PSCOUTn1
PCTLn
PFRCnA
PSOCn
( From Analog
Comparator n Ouput )
OCRnSA
=
PCNFn
PFRCnB
POM2(PSC2 only)
PICRn
Waveform
Generator A
PSCOUTn0
PSCINn
Part B
Part A
PISELnB
PISELnA
PSCn Input B
PSCn Input A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More