전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R32C 데이터시트(PDF) 146 Page - Renesas Technology Corp

부품명 R32C
상세설명  RENESAS MCU
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C 데이터시트(HTML) 146 Page - Renesas Technology Corp

Back Button R32C Datasheet HTML 141Page - Renesas Technology Corp R32C Datasheet HTML 142Page - Renesas Technology Corp R32C Datasheet HTML 143Page - Renesas Technology Corp R32C Datasheet HTML 144Page - Renesas Technology Corp R32C Datasheet HTML 145Page - Renesas Technology Corp R32C Datasheet HTML 146Page - Renesas Technology Corp R32C Datasheet HTML 147Page - Renesas Technology Corp R32C Datasheet HTML 148Page - Renesas Technology Corp R32C Datasheet HTML 149Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 146 / 149 page
background image
A- 2
45
• Modified the following register names in Table 4.26: “DMAi Source
Select Register 2” to “DMAi Request Source Select Register 2” and
“DMAi Source Select Register 1” to “DMAi Request Source Select
Register”; Changed expression “Wake-up/Interrupt Priority Level
Control Register” to “Wake-up IPL Setting Register”
46-47
• Modified “X” in reset values for unassigned bits to “0” for the following
registers in Tables 4.27 to 4.28: LiCW, LiBRG, LiMD0, LiBRK, LiSPC,
LiRFC, LiSC, LiTC, LiST, and LiEST
47
• Corrected register symbol “L1FRC” in Table 4.28 to “L1RFC”
64, 78,
92, 106
• Modified reset value “00h” for C3CLKR in Table 4.45, C2CLKR in
Table 4.59
, C1CLKR in Table 4.73, and C0CLKR in Table 4.87 to
“000X 0000b”
106
• Added addresses “047F60h to 047FFFh” and “048000h to 04FFFFh”
to Table 4.87
Chapter 5. Electrical Characteristics
—
• Added initially
1.10
Sep 06, 2010
—
Third edition released
This manual in general
—
• Applied new Renesas templates and formats to the manual
• Changed company name to “Renesas Electronics Corporation” and
changed related descriptions due to business merger of Renesas
Technology Corporation and NEC Electronics Corporation (under
Chapters 1 and 5)
• Modified expressions “version J”, “version L”, and “version K” to “J
version”, “L version”, and “K version”, respectively (under Chapters 1
and 5)
Chapter 1. Overview
4
• Completed all “under development” phases in Table 1.3
7• Revised Figure 1.3
12
• Modified expression “fC” in Table 1.8 to “low speed clocks”
Chapter 4. SFRs
25, 28,
31
• Changed register name “Group i Timer Measurement Prescaler
Register” in Tables 4.6, 4.9, and 4.12 to “Group i Time Measurement
Prescaler Register”
32
• Modified expression “XY Control Register” in Table 4.13 to “X-Y
Control Register”
34
• Changed register name “UART2 Transmission/Receive Mode
Register” in Table 4.15 to “UART2 Transmit/Receive Mode Register”;
Changed hexadecimal format of reset values for registers TABSR,
ONSF, and TRGSR to binary
45
• Changed register name “External Interrupt Source Select Register i” in
Table 4.26
to “External Interrupt Request Source Select Register i”
64, 78,
92, 106
• Modified register names “CANi Reception Error Count Register” and
“CANi Transmission Error Count Register” in Tables 4.45, 4.59, 4.73,
and 4.87
to “CANi Receive Error Count Register” and “CANi Transmit
Error Count Register”, respectively
Revision History
R32C/153 Group Datasheet
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com