| 전자부품 데이터시트 검색엔진 |
|
PIC18F4331-E/ML 데이터시트(PDF) 317 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4331-E/ML 데이터시트(HTML) 317 Page - Microchip Technology |
|
317 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 317 PIC18F2331/2431/4331/4431 RRNCF Rotate Right f (No Carry) Syntax: [ label ] RRNCF f [,d [,a]] Operands: 0 f 255 d [0,1] a [0,1] Operation: (f<n>) dest<n – 1>, (f<0>) dest<7> Status Affected: N, Z Encoding: 0100 00da ffff ffff Description: The contents of register, ‘f’, are rotated one bit to the right. If ‘d’ is ‘0’, the result is placed in W. If ‘d’ is ‘1’, the result is placed back in register, ‘f’. If ‘a’ is ‘0’, the Access Bank will be selected, over- riding the BSR value. If ‘a’ is ‘1’, then the bank will be selected as per the BSR value. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read register ‘f’ Process Data Write to destination Example 1: RRNCF REG, 1, 0 Before Instruction REG = 1101 0111 After Instruction REG = 1110 1011 Example 2: RRNCF REG, W Before Instruction W= ? REG = 1101 0111 After Instruction W= 1110 1011 REG = 1101 0111 register f SETF Set f Syntax: [ label ] SETF f [,a] Operands: 0 f 255 a [0,1] Operation: FFh f Status Affected: None Encoding: 0110 100a ffff ffff Description: The contents of the specified register are set to FFh. If ‘a’ is ‘0’, the Access Bank will be selected, overriding the BSR value. If ‘a’ is ‘1’, then the bank will be selected as per the BSR value. Words: 1 Cycles: 1 Q Cycle Activity: Q1 Q2 Q3 Q4 Decode Read register ‘f’ Process Data Write register ‘f’ Example: SETF REG Before Instruction REG = 0x5A After Instruction REG = 0xFF |