전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18LF4331T-I/SP 데이터시트(PDF) 109 Page - Microchip Technology

부품명 PIC18LF4331T-I/SP
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP 데이터시트(HTML) 109 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 105Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 106Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 107Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 108Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 109Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 110Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 111Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 112Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 109
PIC18F2331/2431/4331/4431
REGISTER 10-11: IPR2: PERIPHERAL INTERRUPT PRIORITY REGISTER 2
R/W-1
U-0
U-0
R/W-1
U-0
R/W-1
U-0
R/W-1
OSCFIP
—
—
EEIP
—LVDIP
—
CCP2IP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
OSCFIP:
Oscillator Fail Interrupt Priority bit
1
=High priority
0
= Low priority
bit 6-5
Unimplemented:
Read as ‘0’
bit 4
EEIP:
Interrupt Priority bit
1
=High priority
0
= Low priority
bit 3
Unimplemented:
Read as ‘0’
bit 2
LVDIP:
Low-Voltage Detect Interrupt Priority bit
1
=High priority
0
= Low priority
bit 1
Unimplemented:
Read as ‘0’
bit 0
CCP2IP:
CCP2 Interrupt Priority bit
1
=High priority
0
= Low priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com