전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18LF4331T-I/SP 데이터시트(PDF) 131 Page - Microchip Technology

부품명 PIC18LF4331T-I/SP
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP 데이터시트(HTML) 131 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 127Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 128Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 129Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 130Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 131Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 132Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 133Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 134Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 131
PIC18F2331/2431/4331/4431
13.0
TIMER1 MODULE
The Timer1 timer/counter module has the following
features:
• 16-bit timer/counter
(two 8-bit registers; TMR1H and TMR1L)
• Readable and writable (both registers)
• Internal or external clock select
• Interrupt-on-overflow from FFFFh to 0000h
• Reset from CCP module Special Event Trigger
• Status of system clock operation
Figure 13-1 is a simplified block diagram of the Timer1
module.
Register 13-1 details the Timer1 Control register. This
register controls the operating mode of the Timer1
module and contains the Timer1 Oscillator Enable bit
(T1OSCEN). Timer1 can be enabled or disabled by
setting or clearing control bit, TMR1ON (T1CON<0>).
The Timer1 oscillator can be used as a secondary clock
source in power-managed modes. When the T1RUN
bit is set, the Timer1 oscillator provides the system
clock. If the Fail-Safe Clock Monitor is enabled and the
Timer1 oscillator fails while providing the system clock,
polling the T1RUN bit will indicate whether the clock is
being provided by the Timer1 oscillator or another
source.
Timer1 can also be used to provide Real-Time Clock
(RTC) functionality to applications with only a minimal
addition of external components and code overhead.
REGISTER 13-1:
T1CON: TIMER1 CONTROL REGISTER
R/W-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RD16:
16-Bit Read/Write Mode Enable bit
1
= Enables register read/write of TImer1 in one 16-bit operation
0
= Enables register read/write of Timer1 in two 8-bit operations
bit 6
T1RUN:
Timer1 System Clock Status bit
1
= Device clock is derived from Timer1 oscillator
0
= Device clock is derived from another source
bit 5-4
T1CKPS<1:0>:
Timer1 Input Clock Prescale Select bits
11
= 1:8 Prescale value
10
= 1:4 Prescale value
01
= 1:2 Prescale value
00
= 1:1 Prescale value
bit 3
T1OSCEN:
Timer1 Oscillator Enable bit
1
= Timer1 oscillator is enabled
0
= Timer1 oscillator is shut off
The oscillator inverter and feedback resistor are turned off to eliminate power drain.
bit 2
T1SYNC:
Timer1 External Clock Input Synchronization Select bit
When TMR1CS = 1 (External Clock):
1
= Do not synchronize external clock input
0
= Synchronize external clock input
When TMR1CS = 0 (Internal Clock):
This bit is ignored. Timer1 uses the internal clock when TMR1CS = 0.
bit 1
TMR1CS:
Timer1 Clock Source Select bit
1
= External clock from pin RC0/T1OSO/T1CKI (on the rising edge)
0
= Internal clock (FOSC/4)
bit 0
TMR1ON:
Timer1 On bit
1
= Enables Timer1
0
=Stops Timer1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com