전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18LF4331T-I/SP 데이터시트(PDF) 145 Page - Microchip Technology

부품명 PIC18LF4331T-I/SP
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP 데이터시트(HTML) 145 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 141Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 142Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 143Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 144Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 145Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 146Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 147Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 148Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 145
PIC18F2331/2431/4331/4431
16.0
CAPTURE/COMPARE/PWM
(CCP) MODULES
The CCP (Capture/Compare/PWM) module contains a
16-bit register that can operate as a 16-bit Capture reg-
ister, a 16-bit Compare register or a PWM Master/Slave
Duty Cycle register. Table 16-1 shows the timer
resources required for each of the CCP module modes.
The operation of CCP1 is identical to that of CCP2, with
the exception of the Special Event Trigger. Therefore,
operation of a CCP module is described with respect to
CCP1, except where noted.
16.1
CCP1 Module
Capture/Compare/PWM Register 1 (CCPR1) is
comprised of two 8-bit registers: CCPR1L (low byte)
and CCPR1H (high byte). The CCP1CON register
controls the operation of CCP1. All are readable and
writable.
TABLE 16-1:
CCP MODE – TIMER
RESOURCES
16.2
CCP2 Module
Capture/Compare/PWM Register 2 (CCPR2) is com-
prised of two 8-bit registers: CCPR2L (low byte) and
CCPR2H (high byte). The CCP2CON register controls
the operation of CCP2. All are readable and writable.
CCP Mode
Timer Resources
Capture
Compare
PWM
Timer1
Timer1
Timer2
REGISTER 16-1:
CCPxCON: CCPx CONTROL REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DCxB1
DCxB0
CCPxM3
CCPxM2
CCPxM1
CCPxM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5-4
DCxB<1:0>
: PWM Duty Cycle bit 1 and bit 0
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSBs (bit 1 and bit 0) of the 10-bit PWM duty cycle. The upper eight bits
(DCxB<9:2>) of the duty cycle are found in CCPRxL.
bit 3-0
CCPxM<3:0>
: CCPx Mode Select bits
0000
= Capture/Compare/PWM disabled (resets CCPx module)
0001
= Reserved
0010
= Compare mode; toggle output on match (CCPxIF bit is set)
0011
= Reserved
0100
= Capture mode; every falling edge
0101
= Capture mode; every rising edge
0110
= Capture mode; every 4th rising edge
0111
= Capture mode; every 16th rising edge
1000
= Compare mode; initialize CCPx pin low; on compare match, force CCPx pin high (CCPxIF bit is set)
1001
= Compare mode; initialize CCPx pin high; on compare match, force CCPx pin low (CCPxIF bit is set)
1010
= Compare mode; generate software interrupt on compare match (CCPxIF bit is set, CCPx pin is
unaffected)
1011
= Compare mode; Special Event Trigger (CCPxIF bit is set)
11xx
=PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com