전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18LF4331T-I/SP 데이터시트(PDF) 159 Page - Microchip Technology

부품명 PIC18LF4331T-I/SP
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP 데이터시트(HTML) 159 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 155Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 156Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 157Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 158Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 159Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 160Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 161Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 162Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 159
PIC18F2331/2431/4331/4431
17.1.5
ENTERING INPUT CAPTURE MODE
AND CAPTURE TIMING
The following is a summary of functional operation
upon entering any of the Input Capture modes:
1.
After the module is configured for one of the
Capture modes by setting the Capture Mode
Select bits (CAPxM<3:0>), the first detected
edge captures the Timer5 value and stores it in
the CAPxBUF register. The timer is then reset
(depending on the setting of CAPxREN bit) and
starts to increment according to its settings (see
Figure 17-4, Figure 17-5 and Figure 17-6).
2.
On all edges, the capture logic performs the
following:
a)
Input Capture mode is decoded and the
active edge is identified.
b)
The CAPxREN bit is checked to determine
whether Timer5 is reset or not.
c)
On every active edge, the Timer5 value is
recorded in the Input Capture Buffer
(CAPxBUF).
d)
Reset Timer5 after capturing the value of
the timer when the CAPxREN bit is
enabled. Timer5 is reset on every active
capture edge in this case.
e)
On all continuing capture edge events,
repeat steps (a) through (d) until the opera-
tional mode is terminated, either by user
firmware, POR or BOR.
f)
The timer value is not affected when switch-
ing into and out of various Input Capture
modes.
17.1.6
TIMER5 RESET
Every input capture trigger can optionally reset
(TMR5). The Capture Reset Enable bit, CAPxREN,
gates the automatic Reset of the time base of the cap-
ture event with this enable Reset signal. All capture
events reset the selected timer when CAPxREN is set.
Resets are disabled when CAPxREN is cleared (see
Figure 17-4, Figure 17-5 and Figure 17-6).
17.1.7
IC INTERRUPTS
There are four operating modes for which the IC
module can generate an interrupt and set one of the
Interrupt Capture Flag bits (IC1IF, IC2QEIF or
IC3DRIF). The interrupt flag that is set depends on the
channel in which the event occurs. The modes are:
• Edge Capture
(CAPxM<3:0> = 0001, 0010, 0011 or 0100)
• Period Measurement Event (CAPxM<3:0> = 0101)
• Pulse-Width Measurement Event
(CAPxM<3:0> = 0110 or 0111)
• State Change Event (CAPxM<3:0> = 1000)
The timing of interrupt and Special Event Trigger
events is shown in Figure 17-7. Any active edge is
detected on the rising edge of Q2 and propagated on
the rising edge of Q4 rising edge. If an active edge
happens to occur any later than this (on the falling edge
of Q2, for example), then it will be recognized on the
next Q2 rising edge.
FIGURE 17-7:
CAPx INTERRUPTS AND IC1 SPECIAL EVENT TRIGGER
Note:
The CAPxREN bit has no effect in
Pulse-Width Measurement mode.
Note:
The Special Event Trigger is generated
only in the Special Event Trigger mode on
the CAP1 input (CAP1M<3:0> = 1110
and 1111). IC1IF interrupt is not set in this
mode.
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
OSC
CAP1 Pin
IC1IF
TMR5
TMR5 Reset
XXXX
0000
0001
TMR5ON(1)
Note 1:
Timer5 is only reset and enabled (assuming TMR5ON = 0 and T5MOD = 1) when the Special Event Trigger Reset is
enabled for the Timer5 Reset input. The TMR5ON bit is asserted and Timer5 is reset on the Q1 rising edge following
the event capture. With the Special Event Trigger Reset disabled, Timer5 cannot be reset by the Special Event Trigger
Reset on the CAP1 input. In order for the Special Event Trigger Reset to work as the Reset trigger to Timer5, IC1 must
be configured in the Special Event Trigger mode (CAP1M<3:0> = 1110 or 1111).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com