전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DB9-USB-RS232 데이터시트(PDF) 7 Page - Future Technology Devices International Ltd.

부품명 DB9-USB-RS232
상세설명  DB9-USB-RS232 Module Male & Female
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FTDI [Future Technology Devices International Ltd.]
홈페이지  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

DB9-USB-RS232 데이터시트(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button DB9-USB-RS232 Datasheet HTML 3Page - Future Technology Devices International Ltd. DB9-USB-RS232 Datasheet HTML 4Page - Future Technology Devices International Ltd. DB9-USB-RS232 Datasheet HTML 5Page - Future Technology Devices International Ltd. DB9-USB-RS232 Datasheet HTML 6Page - Future Technology Devices International Ltd. DB9-USB-RS232 Datasheet HTML 7Page - Future Technology Devices International Ltd. DB9-USB-RS232 Datasheet HTML 8Page - Future Technology Devices International Ltd. DB9-USB-RS232 Datasheet HTML 9Page - Future Technology Devices International Ltd. DB9-USB-RS232 Datasheet HTML 10Page - Future Technology Devices International Ltd. DB9-USB-RS232 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Copyright © 2010 Future Technology Devices International Limited
6
Document Reference No.: FT_000204
DB9-USB-RS232 Datasheet
Version 1.2
Clearance No.: FTDI# 130
2.1.2 Replacing an RS232 DB9 MALE (DTE defined) Connector
The DB9-USB-RS232-M can be used to replace a male DB9 connector used for transmitting RS232
protocol. With the DB9-USB-RS232-M in place instead of the standard USB connector a USB bridge is
created, this allow the application to communicate with other devices via USB. Installing the DB9-USB-
RS232-M is simple. Simply replace the male DB9 connector with the DB9-USB-RS232-M connector (same
PCB footprint), install drivers and the device is ready to use.
Table 2.2 gives the pin out description of each pad of an RS232 footprint. Figure 2.2 gives a description
of the connections between the DB9-USB-RS232-M and the footprint of a male DB9 module.
Pin
Number
Pin Type of DB9-
USB-RS232 module
Pin Type at
application PCB
Description
1
Input (note1)
Input
DCD = Data Carrier Detect
2
Output
Input
RXD = Receive Data
(this is an output from the DB9-USB-
RS232-M to the application Rx input)
3
Input
Output
TXD = Transmit Data
(this is an input to the DB9-USB-RS232-M
from the application Tx output)
4
Input
Output
DTR = Data Terminal Ready
(this is an input to the DB9-USB-RS232-M
from the application DTR output)
5
Ground
Ground
GND = RS232 signal ground
6
Output
Input
DSR = Data Set Ready
(this is an output from the DB9-USB-
RS232-M to the application DSR input)
7
Input
Output
RTS = Request To Send
(this is an input to the DB9-USB-RS232-M
from the application RTS output)
8
Output
Input
CTS = Clear To Send
(this is an output from the DB9-USB-
RS232-M to the application CTS input)
9
Input (note1)
Input
RI = Ring Indicator
Shield
Ground
Case Ground
Drain = typically connected to the host PC
case
Table 2.2 – A Male RS232 DB9 footprint Pin-Out
Note 1: The DB9-USB-RS232-M is electrically configured to be a DTE (Data Terminating Equipment) device
with a null-modem wiring. The null-modem wiring allows DTE to DTE communications between the DB9-
USB-RS232-M and a standard DB9 male application board. However a DTE device is defined to have 5
inputs and 3 outputs, where a DCE (Data Communications Equipment) is defined to have 3 inputs and 5
outputs as in the case of the female DB9 application boards. This leads to a conflict in an DTE to DTE
connection application, This conflict is that there are more inputs to a connected USB-converter device than
there are outputs from the application board (and more inputs to the application board than there are outputs
of the USB converter). This conflict occurs on the DCD and RI connections and as such they cannot be
used. This issue is very common when translating RS232 to USB from a DTE perspective. Additional
information showing DTE and DCE wiring is given in Appendix B.
Figure 2.1 illustrates these connections from a PCB footprint point of view. Figure 2.2 Illustrates the
connection made to an example PCB.


유사한 부품 번호 - DB9-USB-RS232

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DB9 ETC2-DB9 Datasheet
485Kb / 3P
   In-Line DB9 Surge Suppressor
logo
Tripp Lite. All Rights ...
DB9 TRIPPLITE-DB9 Datasheet
160Kb / 3P
   Datashield Serial In-Line Surge Protector
logo
Banner Engineering Corp...
DB9 BANNER-DB9 Datasheet
177Kb / 2P
   Sure Cross짰 DB9 Splitter Cable
DB906 BANNER-DB906 Datasheet
45Kb / 2P
   LED Backlights (100 x 200 mm)
DB906 BANNER-DB906 Datasheet
46Kb / 2P
   LED Diffused On-Axis Lights (25 mm)
More results

유사한 설명 - DB9-USB-RS232

제조업체부품명데이터시트상세설명
logo
Assmann Electronics Inc...
AB401-R ASSMANN-AB401-R Datasheet
170Kb / 1P
   DB9 Male - MINI DIN 6PIN Female
logo
Future Technology Devic...
EVAL232R FTDI-EVAL232R Datasheet
613Kb / 18P
   FT232RL USB to RS232 Evaluation Module
logo
List of Unclassifed Man...
USBRS232 ETC-USBRS232 Datasheet
22Kb / 1P
   USB TO RS232
logo
Assmann Electronics Inc...
A-USB-3 ASSMANN-A-USB-3 Datasheet
41Kb / 1P
   USB A MALE-USB B FEMALE
A-USB-2 ASSMANN-A-USB-2 Datasheet
42Kb / 1P
   USB A FEMALE-USB B MALE
logo
Mini-Circuits
ZVVA-3000 MINI-ZVVA-3000 Datasheet
859Kb / 9P
   USB/RS232 Variable Attenuator
logo
Coolgear Inc.
USB-232TTLMOS COOLGEAR-USB-232TTLMOS Datasheet
126Kb / 3P
   USB to RS232 TTL
logo
Advantech Co., Ltd.
BB-232CAM ADVANTECH-BB-232CAM Datasheet
487Kb / 1P
   RS-232 Modem Cable DB9 Female to DB25 Male
logo
Beckhoff Automation Gmb...
C9900-E301 BECKHOFF-C9900-E301 Datasheet
117Kb / 1P
   RS232 PCIe module
logo
Schurter Inc.
1070004801 SCHURTER-1070004801 Datasheet
98Kb / 3P
   Touch Controller Board USB & RS232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com