전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F23K22-E/P 데이터시트(PDF) 322 Page - Microchip Technology

부품명 PIC18F23K22-E/P
상세설명  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P 데이터시트(HTML) 322 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 318Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 319Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 320Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 321Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 322Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 323Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 324Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 325Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 326Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 496 page
background image
PIC18(L)F2X/4XK22
DS41412C-page 322
Preliminary
 2010 Microchip Technology Inc.
EXAMPLE 19-2:
CURRENT CALIBRATION ROUTINE
#include "p18cxxx.h"
#define COUNT 500
//@ 8MHz = 125uS.
#define DELAY for(i=0;i<COUNT;i++)
#define RCAL .027
//R value is 4200000 (4.2M)
//scaled so that result is in
//1/100th of uA
#define ADSCALE 1023
//for unsigned conversion 10 sig bits
#define ADREF 3.3
//Vdd connected to A/D Vr+
int main(void)
{
int i;
int j = 0;
//index for loop
unsigned int Vread = 0;
double VTot = 0;
float Vavg=0, Vcal=0, CTMUISrc = 0;
//float values stored for calcs
//assume CTMU and A/D have been setup correctly
//see Example 25-1 for CTMU & A/D setup
setup();
CTMUCONHbits.CTMUEN = 1;
//Enable the CTMU
CTMUCONLbits.EDG1STAT = 0;
// Set Edge status bits to zero
CTMUCONLbits.EDG2STAT = 0;
for(j=0;j<10;j++)
{
CTMUCONHbits.IDISSEN = 1;
//drain charge on the circuit
DELAY;
//wait 125us
CTMUCONHbits.IDISSEN = 0;
//end drain of circuit
CTMUCONLbits.EDG1STAT = 1;
//Begin charging the circuit
//using CTMU current source
DELAY;
//wait for 125us
CTMUCONLbits.EDG1STAT = 0;
//Stop charging circuit
PIR1bits.ADIF = 0;
//make sure A/D Int not set
ADCON0bits.GO=1;
//and begin A/D conv.
while(!PIR1bits.ADIF);
//Wait for A/D convert complete
Vread = ADRES;
//Get the value from the A/D
PIR1bits.ADIF = 0;
//Clear A/D Interrupt Flag
VTot += Vread;
//Add the reading to the total
}
Vavg = (float)(VTot/10.000);
//Average of 10 readings
Vcal = (float)(Vavg/ADSCALE*ADREF);
CTMUISrc = Vcal/RCAL;
//CTMUISrc is in 1/100ths of uA
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More