전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2901EP 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM2901EP
상세설명  Low Power Low Offset Voltage Quad Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2901EP 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2901EP Datasheet HTML 2Page - National Semiconductor (TI) LM2901EP Datasheet HTML 3Page - National Semiconductor (TI) LM2901EP Datasheet HTML 4Page - National Semiconductor (TI) LM2901EP Datasheet HTML 5Page - National Semiconductor (TI) LM2901EP Datasheet HTML 6Page - National Semiconductor (TI) LM2901EP Datasheet HTML 7Page - National Semiconductor (TI) LM2901EP Datasheet HTML 8Page - National Semiconductor (TI) LM2901EP Datasheet HTML 9Page - National Semiconductor (TI) LM2901EP Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Application Hints
The LM2901EP is a high gain, wide bandwidth device which,
like most comparators, can easily oscillate if the output lead
is inadvertently allowed to capacitively couple to the inputs
via stray capacitance. This shows up only during the output
voltage transition intervals as the comparator changes
states. Power supply bypassing is not required to solve this
problem. Standard PC board layout is helpful as it reduces
stray input-output coupling. Reducing this input resistors to
< 10 k
Ω reduces the feedback signal levels and finally,
adding even a small amount (1 to 10 mV) of positive feed-
back (hysteresis) causes such a rapid transition that oscilla-
tions due to stray feedback are not possible. Simply socket-
ing the IC and attaching resistors to the pins will cause
input-output oscillations during the small transition intervals
unless hysteresis is used. If the input signal is a pulse
waveform, with relatively fast rise and fall times, hysteresis is
not required.
All pins of any unused comparators should be tied to the
negative supply.
The bias network of the LM2901EP series establishes a
drain current which is independent of the magnitude of the
power supply voltage over the range of from 2 V
DC to 30
V
DC.
It is usually unnecessary to use a bypass capacitor across
the power supply line.
The differential input voltage may be larger than V
+ without
damaging the device. Protection should be provided to pre-
vent the input voltages from going negative more than −0.3
V
DC (at 25˚C). An input clamp diode can be used as shown
in the applications section.
The output of the LM2901EP is the uncommitted collector of
a grounded-emitter NPN output transistor. Many collectors
can be tied together to provide an output OR’ing function. An
output pull-up resistor can be connected to any available
power supply voltage within the permitted supply voltage
range and there is no restriction on this voltage due to the
magnitude of the voltage which is applied to the V
+ terminal
of the LM2901EP package. The output can also be used as
a simple SPST switch to ground (when a pull-up resistor is
not used). The amount of current which the output device
can sink is limited by the drive available (which is indepen-
dent of V
+) and the
β of this device. When the maximum
current limit is reached (approximately 16 mA), the output
transistor will come out of saturation and the output voltage
will rise very rapidly. The output saturation voltage is limited
by the approximately 60
Ω R
SAT of the output transistor. The
low offset voltage of the output transistor (1 mV) allows the
output to clamp essentially to ground level for small load
currents.
Typical Applications (V+ = 5.0 V
DC) (Note 15)
Basic Comparator
Driving CMOS
Driving TTL
20113903
20113904
20113905
AND Gate
20113908
OR Gate
20113909
www.national.com
6


유사한 부품 번호 - LM2901EP

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM2901E ONSEMI-LM2901E Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
LM2901EDR2G ONSEMI-LM2901EDR2G Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
LM2901EDR2G ONSEMI-LM2901EDR2G Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
More results

유사한 설명 - LM2901EP

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com