전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSD813F2V 데이터시트(PDF) 102 Page - STMicroelectronics

부품명 PSD813F2V
상세설명  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V 데이터시트(HTML) 102 Page - STMicroelectronics

Back Button PSD813F2V_09 Datasheet HTML 98Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 99Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 100Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 101Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 102Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 103Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 104Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 105Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 109 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
PSD813F2V, PSD854F2V
102/109
Doc ID 10552 Rev 3
Figure 53. TQFP64 - 64-lead Thin Quad Flatpack, Package Outline
Note: Drawing is not to scale.
QFP-A
Nd
E1
CP
b
e
A2
A
N
L
A1
α
D1
D
1
E
Ne
c
D2
E2
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More