전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C2105.21.06 데이터시트(PDF) 1 Page - General Cable Technologies Corporation

부품명 C2105.21.06
상세설명  Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENERAL [General Cable Technologies Corporation]
홈페이지  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C2105.21.06 데이터시트(HTML) 1 Page - General Cable Technologies Corporation

  C2105.21.06 Datasheet HTML 1Page - General Cable Technologies Corporation C2105.21.06 Datasheet HTML 2Page - General Cable Technologies Corporation C2105.21.06 Datasheet HTML 3Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
C2105.21.06
Product SKU:
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30, Jacket:
Product Description:
Premium Grade PVC, Temperature Range: -20°C to +105°C - Green - 1000 Ft. Spool
Product Category:
Electronics - Hook-Up Wire - UL 1015, CSA TEW - STRANDED CONDUCTORS - Green
Product Construction:
Conductor:
24 thru 10 AWG
Fully-annealed, tinned copper per ASTM B-33
Solid or stranded
Insulation:
Color Code: See chart below
Premium grade color-coded PVC
Temperature range: -20°C to +105°C
Product Specification:
Conductor Size (AWG):
14
Conductor/Strands:
41/30
No. of Pairs:
1
Jacket Color:
Green
Nominal Insulation Thickness
0.032
(in):
Nominal Insulation Thickness
0.81
(mm):
Nominal Outside Diameter (in):
0.141
Nominal Outside Diameter
3.58
(mm):
Standard Packaging:
1000' Spool


유사한 부품 번호 - C2105.21.06

제조업체부품명데이터시트상세설명
logo
General Cable Technolog...
C2105.21.01 GENERAL-C2105.21.01 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C2105.21.02 GENERAL-C2105.21.02 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C2105.21.03 GENERAL-C2105.21.03 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C2105.21.04 GENERAL-C2105.21.04 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C2105.21.05 GENERAL-C2105.21.05 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
More results

유사한 설명 - C2105.21.06

제조업체부품명데이터시트상세설명
logo
General Cable Technolog...
C21012108 GENERAL-C21012108 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 22, Conductor/Strands: 7/30
C21042105 GENERAL-C21042105 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 16, Conductor/Strands: 26/30
C21042108 GENERAL-C21042108 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 16, Conductor/Strands: 26/30
C21052101 GENERAL-C21052101 Datasheet
74Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052102 GENERAL-C21052102 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052103 GENERAL-C21052103 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052104 GENERAL-C21052104 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052105 GENERAL-C21052105 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21052110 GENERAL-C21052110 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 14, Conductor/Strands: 41/30
C21074101 GENERAL-C21074101 Datasheet
73Kb / 3P
Hook-Up Wire, UL 1015, CSA TEW, Gauge Size (AWG): 10, Conductor/Strands: 105/30
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com