전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HQ6025NH5 데이터시트(PDF) 3 Page - Littelfuse

부품명 HQ6025NH5
상세설명  25Amp bi-directional Alternistor Triac is designed for AC switching and phase
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HQ6025NH5 데이터시트(HTML) 3 Page - Littelfuse

  HQ6025NH5 Datasheet HTML 1Page - Littelfuse HQ6025NH5 Datasheet HTML 2Page - Littelfuse HQ6025NH5 Datasheet HTML 3Page - Littelfuse HQ6025NH5 Datasheet HTML 4Page - Littelfuse HQ6025NH5 Datasheet HTML 5Page - Littelfuse HQ6025NH5 Datasheet HTML 6Page - Littelfuse HQ6025NH5 Datasheet HTML 7Page - Littelfuse HQ6025NH5 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
131
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
HQ6025xH5 Series
25 Amp High Temperature Alternistor Triacs
Figure 1: Normalized DC Gate Trigger Current
vs. Junction Temperature
Figure 2: Normalized DC Gate Trigger Voltage
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
135
Junction Temperature (T
J) -- (°C)
150
0.0
0.5
1.0
1.5
2.0
2.5
-40
-15
10
35
60
85
110
135
150
Junction Temperature (T
J) -- (°C)
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Figure 4: On-State Current vs. On-State
Voltage (Typical)
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
135
Junction Temperature (T
J) -- (°C)
150
0
10
20
30
40
50
60
70
80
90
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Instantaneous On-state Voltage (v
T) – Volts
Figure 5: Power Dissipation (Typical) vs. RMS
On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. RMS On-State Current
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
RMS On-State Current [I
T(RMS)] -- Amps
80
90
100
110
120
130
140
150
160
0
5
10
15
20
25
RMS On-State Current [I
T(RMS)] - Amps
HQ6025LH5
HQ6025RH5
HQ6025NH5
HQ6025KH5
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°


유사한 부품 번호 - HQ6025NH5

제조업체부품명데이터시트상세설명
logo
Littelfuse
HQ6025NH5 LITTELFUSE-HQ6025NH5 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
logo
Inchange Semiconductor ...
HQ6025NH5 ISC-HQ6025NH5 Datasheet
384Kb / 2P
   isc Triacs
logo
Littelfuse
HQ6025NH581 LITTELFUSE-HQ6025NH581 Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
HQ6025NH5RP LITTELFUSE-HQ6025NH5RP Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
HQ6025NH5TP LITTELFUSE-HQ6025NH5TP Datasheet
645Kb / 8P
   25 Amp High Temperature Alternistor Triacs
More results

유사한 설명 - HQ6025NH5

제조업체부품명데이터시트상세설명
logo
Littelfuse
QJXX16XHX LITTELFUSE-QJXX16XHX Datasheet
1Mb / 8P
   This 16A high temperature alternistor triac solid state switch series is designed for AC switching and phase
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com