전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BT04 데이터시트(PDF) 5 Page - YENYO TECHNOLOGY Co., Ltd

부품명 BT04
상세설명  4-Quardrant Triacs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YENYO [YENYO TECHNOLOGY Co., Ltd]
홈페이지  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

BT04 데이터시트(HTML) 5 Page - YENYO TECHNOLOGY Co., Ltd

  BT04 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd BT04 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd BT04 Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd BT04 Datasheet HTML 4Page - YENYO TECHNOLOGY Co., Ltd BT04 Datasheet HTML 5Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BT04
Product selector
Voltage (xxx)
Part Number
500V
600V
Sensitivty
Package
BT0405-XXXT
X
X
5mA
TO-220AB
BT0405-XXXTF
X
X
5mA
ITO-220AB
BT0410-XXXT
X
X
10mA
TO-220AB
BT0410-XXXTF
X
X
10mA
ITO-220AB
BT0425-XXXT
X
X
25mA
TO-220AB
BT0425-XXXTF
X
X
25mA
ITO-220AB
Rev.1
5/5


유사한 부품 번호 - BT04

제조업체부품명데이터시트상세설명
logo
Bolymin, Inc
BT040AACBHB BOLYMIN-BT040AACBHB Datasheet
225Kb / 1P
   4.0 Color TFT-LCD video module
BT040AACBHB352 BOLYMIN-BT040AACBHB352 Datasheet
225Kb / 1P
   4.0 Color TFT-LCD video module
BT040AACBHB352a BOLYMIN-BT040AACBHB352a Datasheet
225Kb / 1P
   4.0 Color TFT-LCD video module
BT040AACBHB352b BOLYMIN-BT040AACBHB352b Datasheet
225Kb / 1P
   4.0 Color TFT-LCD video module
BT040AACBHB352c BOLYMIN-BT040AACBHB352c Datasheet
225Kb / 1P
   4.0 Color TFT-LCD video module
More results

유사한 설명 - BT04

제조업체부품명데이터시트상세설명
logo
YENYO TECHNOLOGY Co., L...
BT08 YENYO-BT08 Datasheet
209Kb / 5P
   4-Quardrant Triacs
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L6004V3TP LITTELFUSE-L6004V3TP Datasheet
905Kb / 10P
   4 Amp Sensitive & Standard Triacs
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com