전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM5102PWR 데이터시트(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM5102PWR
상세설명  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5102PWR 데이터시트(HTML) 23 Page - Texas Instruments

Back Button PCM5102PWR Datasheet HTML 19Page - Texas Instruments PCM5102PWR Datasheet HTML 20Page - Texas Instruments PCM5102PWR Datasheet HTML 21Page - Texas Instruments PCM5102PWR Datasheet HTML 22Page - Texas Instruments PCM5102PWR Datasheet HTML 23Page - Texas Instruments PCM5102PWR Datasheet HTML 24Page - Texas Instruments PCM5102PWR Datasheet HTML 25Page - Texas Instruments PCM5102PWR Datasheet HTML 26Page - Texas Instruments PCM5102PWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
System
VDD
XSMT
7.25kO
2.75kO
12V
supply
0.9 * DVDD
0.1 * DVDD
2.0 V
1.2 V
XSMT
tf
Digital Attenuation Followed by Analog Mute
Analog Mute
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764
– MAY 2011
External Power Sense Undervoltage Protection mode
The XSMT pin can also be used to monitor a system voltage, such as the 24VDC LCD TV backlight, or 12VDC
system supply using a potential divider created with two resistors. (See Figure 35 )
If the XSMT pin makes a transition from
“1” to “0” over 6ms or more, the device will switch into external
under-voltage protection mode. In this mode, two trigger levels are used.
When XSMT pin level reaches 2V, soft mute process begins.
When XSMT pin level reaches 1.2V, analog mute will engage, regardless of digital audio level, and analog
shut down will begin. (i.e. DAC circuitry will power down etc).
A timing diagram to show this is shown in Figure 36.
NOTE
The XSMT input pins voltage range is from -0.3V to DVDD + 0.3V.The ratio of external
resistors must be considered within this input range. Any increase in power supply (such
as power supply positive noise/ripple) can pull the XSMT pin higher than DVDD+0.3V.
For example, if the PCM510x is monitoring a 12V input, and dividing the voltage by 4, then the voltage at XSMT
during ideal power supply conditions will be 3V. If the voltage spikes any higher than 14.4V, then XSMT will see
a voltage in excess of 3.6V (DVDD+0.3), potentially damaging the device.
Providing the divider is set appropriately, any DC voltage can be monitored.
Figure 35. XSMT in External UVP Mode
Figure 36. XSMT Timing for Undervoltage Protection
Copyright
© 2011, Texas Instruments Incorporated
23


유사한 부품 번호 - PCM5102PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM5102PWR TI1-PCM5102PWR Datasheet
1Mb / 35P
384kHz PCM Interface
More results

유사한 설명 - PCM5102PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com