전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM5102PWR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM5102PWR
상세설명  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5102PWR 데이터시트(HTML) 1 Page - Texas Instruments

  PCM5102PWR Datasheet HTML 1Page - Texas Instruments PCM5102PWR Datasheet HTML 2Page - Texas Instruments PCM5102PWR Datasheet HTML 3Page - Texas Instruments PCM5102PWR Datasheet HTML 4Page - Texas Instruments PCM5102PWR Datasheet HTML 5Page - Texas Instruments PCM5102PWR Datasheet HTML 6Page - Texas Instruments PCM5102PWR Datasheet HTML 7Page - Texas Instruments PCM5102PWR Datasheet HTML 8Page - Texas Instruments PCM5102PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764
– MAY 2011
2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Check for Samples: PCM5100, PCM5101, PCM5102
1
FEATURES
DESCRIPTION
23
Hardware Control
The PCM510x devices are a family of monolithic
Analog Performance (3.3V Power Supply)
CMOS integrated circuits that include a stereo
– SNR: 112/106/100dB (Typical)
digital-to-analog converter and additional support
– Dynamic Range: 112/106/100dB (Typical)
circuitry in a small TSSOP package. The PCM510x
– THD+N: - 93/-92/90dB @ - 1dBfs (Typical)
uses the latest generation of TI
’s advanced segment
DAC
architecture
to
achieve
excellent
dynamic
– Full Scale Output: 2.1VRMS (Ground Center)
performance and improved tolerance to clock jitter.
– No DC Blocking Capacitors Required
The
PCM510x
devices
are
simpler
hardware
– Market leading low out of band noise.
controlled 2VRMS DACs, with filter select, PLL and
Digital Filter Latency
& Performance Select
auto-mute functions.
Normal 8
× Oversampling Digital Filter:
The PCM510x provides 2.1VRMS ground centered
– Stopband Attenuation: –60dB
outputs, allowing designers to eliminate DC blocking
– Passband Ripple: ±0.02dB
capacitors on the output, as well as external muting
Low Latency 8
× Oversampling Digital Filter:
circuits traditionally associated with single supply line
– Stopband Attenuation: –52dB
drivers.
– Passband Ripple: ±0.0001dB
The
integrated
line
driver
surpasses
all
other
Sampling Frequency: 8kHz To 384kHz
charge-pump based line drivers by supporting loads
System Clock Multiples (fSCK): 64, 128, 192,
down to 1k
Ω.
256, 384, 512, 768, 1024, 1152, 1536, 2048, 3072
By supporting loads down to 1k
Ω, the PCM510x can
Accepts 16-, 24-, And 32-Bit Audio Data
essentially drive up to 10 products in parallel. (LCD
PCM Data Formats: I2s, Left-Justified
TV, DVDR, AV Receivers etc).
Intelligent Muting System, Soft Up/Down Ramp
The integrated PLL on the device removes the
& Analog Mute For 120dB Mute SNR With
requirement for a system clock (commonly known as
Popless Operation.
master clock). This allows a 3-wire I2S connection,
Integrated Power On Reset
along with reduced system EMI.
Integrated Negative Charge Pump
Intelligent clock error and PowerSense under voltage
Integrated High-Performance Audio PLL With
protection utilizes a two level mute system for
BCK Reference To Generate SCK Internally
pop-free performance. Upon clock error or system
Automatic Power-Save Mode When LRCK And
power failure, the device digitally attenuates the data
BCK Are Deactivated.
(or last known good data), then mutes the analog
circuit
Internal Pop-Free Control For Sample-Rate
Changes Or Clock Halts
Compared
with
existing
DAC
technology,
the
Single Supply Operation:
PCM510x family offers up to 20dB lower out-of-band
– 3.3V Analog, 3.3V Digital
noise, reducing EMI and aliasing in downstream
amplifiers/ADCs.
(from
traditional
100kHz
OBN
3.3V Failsafe LVCMOS Digital Inputs
measurements all the way to 3MHz)
Small 20-pin TSSOP Package
The PCM510x accepts industry-standard audio data
APPLICATIONS
formats with 16- to 32-bit data. Sampling rates up to
384kHz are supported.
A/V Receivers
DVD, BD Players
HDTV Receivers
Other Applications Requiring 2Vrms output
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two Cascade, Audio Precision are trademarks of Audio Precision.
3
DirectPath is a trademark of Texas, Instruments, Inc..
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - PCM5102PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM5102PWR TI1-PCM5102PWR Datasheet
1Mb / 35P
384kHz PCM Interface
More results

유사한 설명 - PCM5102PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com