전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM5102PWR 데이터시트(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM5102PWR
상세설명  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5102PWR 데이터시트(HTML) 12 Page - Texas Instruments

Back Button PCM5102PWR Datasheet HTML 8Page - Texas Instruments PCM5102PWR Datasheet HTML 9Page - Texas Instruments PCM5102PWR Datasheet HTML 10Page - Texas Instruments PCM5102PWR Datasheet HTML 11Page - Texas Instruments PCM5102PWR Datasheet HTML 12Page - Texas Instruments PCM5102PWR Datasheet HTML 13Page - Texas Instruments PCM5102PWR Datasheet HTML 14Page - Texas Instruments PCM5102PWR Datasheet HTML 15Page - Texas Instruments PCM5102PWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
PCM5100, PCM5101, PCM5102
SLAS764
– MAY 2011
www.ti.com
System Clock PLL mode
The system clock PLL mode allows designers to use a simple 3 wire I2S audio source when driving the DAC.
This reduces the need for a high frequency SCK, making PCB layout easier, and reduces high frequency
electromagnetic interference.
The device starts up expecting an external SCK input, but if BCK and LRCK start correctly without SCK for 16
successive LRCK periods, then the internal PLL will start to generate internal SCK from BCK reference
automatically. In the PCM510x, the internal PLL is disabled when an external SCK is supplied; specific BCK
rates are required to generate an appropriate master clock.
Table 5 describes the minimum and maximum BCK per LRCK for the integrated PLL to automatically generate
an internal SCK.
Table 5. BCK Rates (MHz) by LRCK Sample Rate for
PCM510x PLL Operation
BCK (fS)
Sample f (kHz)
32
48
64
8
-
-
-
16
-
-
1.024
32
1.024
1.536
2.048
44.1
1.4112
2.1168
2.8224
48
1.536
2.304
3.072
96
3.072
4.608
6.144
192
6.144
9.216
12.288
384
12.288
18.432
24.576
Audio Data Interface
Audio Serial Interface
The audio interface port is a 3-wire serial port. It includes LRCK (pin 15), BCK (pin 13), and DIN (pin 14). BCK is
the serial audio bit clock, and it is used to clock the serial data present on DIN into the serial shift register of the
audio interface. Serial data is clocked into the PCM510x on the rising edge of BCK. LRCK is the serial audio
left/right word clock.
Table 6. PCM510x Audio Data Formats, Bit Depths and Clock Rates
MAX LRCK
CONTROL MODE
FORMAT
DATA BITS
SCK RATE [x fS]
BCK RATE [x fS]
FREQUENCY [fS]
128
– 3072
Up to 192kHz
64, 48, 32
(
≤50MHz)
Hardware Control
I2S/LJ
32, 24, 20, 16
384kHz
64, 128
64, 48, 32
The PCM510x requires the synchronization of LRCK and system clock, but does not need a specific phase
relation between LRCK and system clock.
If the relationship between LRCK and system clock changes more than
±5 SCK, internal operation is initialized
within one sample period and analog outputs are forced to the bipolar zero level until resynchronization between
LRCK and system clock is completed.
If the relationship between LRCK and BCK are invalid more than 4 LRCK periods, internal operation is initialized
within one sample period and analog outputs are forced to the bipolar zero level until resynchronization between
LRCK and BCK is completed.
12
Copyright
© 2011, Texas Instruments Incorporated


유사한 부품 번호 - PCM5102PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM5102PWR TI1-PCM5102PWR Datasheet
1Mb / 35P
384kHz PCM Interface
More results

유사한 설명 - PCM5102PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com