전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM5102PWR 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM5102PWR
상세설명  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5102PWR 데이터시트(HTML) 13 Page - Texas Instruments

Back Button PCM5102PWR Datasheet HTML 9Page - Texas Instruments PCM5102PWR Datasheet HTML 10Page - Texas Instruments PCM5102PWR Datasheet HTML 11Page - Texas Instruments PCM5102PWR Datasheet HTML 12Page - Texas Instruments PCM5102PWR Datasheet HTML 13Page - Texas Instruments PCM5102PWR Datasheet HTML 14Page - Texas Instruments PCM5102PWR Datasheet HTML 15Page - Texas Instruments PCM5102PWR Datasheet HTML 16Page - Texas Instruments PCM5102PWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
BCK
tBCH
tBCL
tBCY
t
DS
t
DH
tBL
tLB
DATA
LRCK
0. 5 * DVDD
0. 5 * DVDD
0. 5 * DVDD
(Input)
(Input)
(Input)
DATA
0. 5 * DVDD
( Output)
tDOD
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764
– MAY 2011
PCM Audio Data Formats and Timing
The PCM510x supports industry-standard audio data formats, including standard I2S and left-justified. Data
formats are selected using the FMT (pin 16), Low for I2S, and High for Left-justified.
All formats require binary 2s complement, MSB-first audio data. Figure 13 shows a detailed timing diagram for
the serial audio interface.
Figure 13. PCM510x Serial Audio Timing - Slave
Table 7. Audio Interface Slave Timing
Parameters
Min
Max
Units
tBCY
BCK Pulse Cycle Time
40
ns
tBCL
BCK Pulse Width LOW
16
ns
tBCH
BCK Pulse Width HIGH
16
ns
tBL
BCK Rising Edge to LRCK Edge
8
ns
tLB
LRCK Edge to BCK Rising Edge
8
ns
tDS
DATA Set Up Time
8
ns
tDH
DATA Hold Time
8
ns
Copyright
© 2011, Texas Instruments Incorporated
13


유사한 부품 번호 - PCM5102PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM5102PWR TI1-PCM5102PWR Datasheet
1Mb / 35P
384kHz PCM Interface
More results

유사한 설명 - PCM5102PWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com