전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3019S 데이터시트(PDF) 2 Page - Semicoa Semiconductor

부품명 2N3019S
상세설명  Type 2N3019S Geometry 4500 Polarity NPN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMICOA [Semicoa Semiconductor]
홈페이지  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3019S 데이터시트(HTML) 2 Page - Semicoa Semiconductor

  2N3019S Datasheet HTML 1Page - Semicoa Semiconductor 2N3019S Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N3019S
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 100 µA
Collector-Emitter Breakdown Voltage
IC = 30 mA
Emitter-Base Breakdown Voltage
IE = 100 µA
Collector-Emitter Cutoff Current
VCE = 90 V
Emitter-Base Cutoff Current
VEB = 5 V
ICES
---
10
IEBO
---
10
V(BR)CEO
80
---
V(BR)EBO
7.0
---
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
nA
V(BR)CBO
140
---
ON Characteristics
Symbol
Min
Max
Unit
DC Current Gain
IC = 150 mA, VCE= 10 V
hFE1
100
300
---
IC = 0.1 mA, VCE = 10 V
hFE2
50
200
---
IC= 10 mA, VCE = 10 V (pulse test)
hFE3
90
---
---
IC= 500 mA, VCE = 10 V (pulse test)
hFE4
50
200
---
IC= 1 A, VCE = 10 V (pulse test)
hFE5
15
---
---
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VCE(sat)1
---
0.2
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VCE(sat)2
---
0.5
V dc
Base-Emitter Saturation Voltage
IC= 150 mA, IB = 15 mA (pulse test)
VBE(sat)
---
1.1
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Short Circuit Forward Current Transfer Ratio
IC = 1 mA, VCE = 5 V, f = 1 kHz
Magnitude of Common Emitter Short Circuit
Forward Current Transfer Ratio
VCE = 10 V, IC = 50 mA, f = 200 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 2.0 V, IC = 0, 100 kHz < f < 1 MHz
Collecor-Base Time Constant
VCE = 10 V, IC = 10 mA, f = 79.8 MHz
Noise Figure
VCE = 10 V, IC = 100 µA, Rg = 1 kOhm
ps
dB
20
---
CIBO
---
60
pF
pF
rb'CC
---
COBO
---
12
NF
---
4
400
---
|hFE|
5.0
AC hFE
80
400
Switching Characteristics
Symbol
Min
Max
Unit
Pulse Response
15 ns, 50 ohm input pulse
ns
tON+ tOFF
---
30


유사한 부품 번호 - 2N3019S

제조업체부품명데이터시트상세설명
logo
Semicoa Semiconductor
2N3019S SEMICOA-2N3019S Datasheet
31Kb / 1P
Chip Type 2C3019 Geometry 4500 Polarity PNP
logo
Microsemi Corporation
2N3019S MICROSEMI-2N3019S Datasheet
71Kb / 2P
LOW POWER NPN SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N3019S SEMICOA-2N3019S Datasheet
200Kb / 2P
Silicon NPN Transistor
logo
ON Semiconductor
2N3019S ONSEMI-2N3019S Datasheet
91Kb / 3P
Low Power Transistor
July, 2011 ??Rev. 0
2N3019SJANTX ONSEMI-2N3019SJANTX Datasheet
112Kb / 4P
Low Power Transistors
August, 2012 ??Rev. 2
More results

유사한 설명 - 2N3019S

제조업체부품명데이터시트상세설명
logo
Semicoa Semiconductor
2C1893 SEMICOA-2C1893 Datasheet
42Kb / 1P
Chip Type 2C1893 Geometry 4500 Polarity NPN
2C3019 SEMICOA-2C3019 Datasheet
31Kb / 1P
Chip Type 2C3019 Geometry 4500 Polarity PNP
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
Type 2N1893 Geometry 4500 Polarity NPN
2N1893S SEMICOA-2N1893S Datasheet
64Kb / 2P
Type 2N1893S Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
Type 2N3019 Geometry 4500 Polarity NPN
2N3057A SEMICOA-2N3057A Datasheet
45Kb / 2P
Type 2N3057A Geometry 4500 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
Type 2N3500 Geometry 5620 Polarity NPN
2N3700 SEMICOA-2N3700 Datasheet
45Kb / 2P
Type 2N3700 Geometry 4500 Polarity NPN
2N3700UB SEMICOA-2N3700UB Datasheet
46Kb / 2P
Type 2N3700UB Geometry 4500 Polarity NPN
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com