전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S3313 데이터시트(PDF) 5 Page - KODENSHI_AUK CORP.

부품명 S3313
상세설명  3 phase BLDC Motor Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3313 데이터시트(HTML) 5 Page - KODENSHI_AUK CORP.

  S3313 Datasheet HTML 1Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 2Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 3Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 4Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 5Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 6Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 7Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 8Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
KSD-I7A005-001
5
SEPT., 2010 REV. 01
( Unless otherwise specified Ta=25℃, Vcc=5V, VM=12V )
Specification
NO
Characteristics
Symbol
Condition
MIN.
TYP.
MAX.
Unit
1
Circuit Current 1
ICC1
PS=L, GSW=Open
-
0
0.2
mA
2
Circuit Current 2
ICC2
PS=H, GSW=Open
-
6.2
9.1
mA
< Power Save >
3
On Voltage Range
VPSON
Circuit OFF
-
-
1.0
V
4
OFF Voltage Range
VPSOFF
Circuit ON
2.5
-
-
V
< Hall Bias >
5
Hall Bias Voltage
VHB
IHB=10mA
0.5
0.9
1.5
V
< Hall AMP >
6
Input Bias Current
IHA
-
0.7
3.0
uA
7
In-phase Input Voltage Range
VHAR
1.0
-
4.0
V
8
Minimum Input Level
VINH
50
-
-
mVPP
9
H3 Hysteresis Level
VHYS
5
20
40
mV
< Torque Control >
10
Input Voltage Range
EC, ECR
Linear Range 0.5 ~ 3.3V
0
-
5.0
V
11
Offset Voltage (-)
ECOFF-
ECR=1.65V, GSW=L
-75
-45
-15
mV
12
Offset Voltage (+)
ECOFF+
ECR=1.65V, GSW=L
15
45
75
mV
13
Input Current
ECIN
EC=ECR
7.4
9.2
11
uA
14
Input-Output Gain L
GECL
GSW=L, RNF=0.5Ω
0.52
0.65
0.78
A/V
15
Input-Output Gain M
GECM
GSW=OPEN, RNF=0.5Ω
1.04
1.30
1.56
A/V
16
Input-Output Gain H
GECH
GSW=H, RNF=0.5Ω R
2.24
2.80
3.36
A/V
< Gain Switch >
17
Low Voltage Range
VGSWL
-
-
1.0
V
18
Open Voltage Range
VGSWOP
-
2.0
-
V
19
High Voltage Range
VGSWH
3.0
-
-
V
< FG >
20
FG Output High Voltage
VFGH
IFG=-20uA
4.5
4.8
-
V
21
FG Output Low Voltage
VFGL
IFG=3mA
-
0.2
0.4
V
< FG2 >
22
FG2 Output High Voltage
VFG2H
IFG2=-20uA
4.6
4.9
-
V
23
FG2 Output Low Voltage
VFG2L
IFG2=3mA
-
0.2
0.4
V
24
Duty ( Reference )
DU
-
50
-
%
◈ Electrical Characteristics 1
S3313


유사한 부품 번호 - S3313

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
S331 NKK-S331 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
Advanced Technical Mate...
S3317D ATM-S3317D Datasheet
75Kb / 1P
   0.5-18 GHz PIN DIODE SWITCHES
logo
Nihon Kaiheiki Industry...
S331F NKK-S331F Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
Vishay Siliconix
S331K25X5FN6.J5R VISHAY-S331K25X5FN6.J5R Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
S331K25X7RN6 VISHAY-S331K25X7RN6 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results

유사한 설명 - S3313

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com