전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S3313 데이터시트(PDF) 9 Page - KODENSHI_AUK CORP.

부품명 S3313
상세설명  3 phase BLDC Motor Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S3313 데이터시트(HTML) 9 Page - KODENSHI_AUK CORP.

Back Button S3313 Datasheet HTML 5Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 6Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 7Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 8Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 9Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 10Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 11Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 12Page - KODENSHI_AUK CORP. S3313 Datasheet HTML 13Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
KSD-I7A005-001
9
SEPT., 2010 REV. 01
4. Gain Switch
We can determine the value of input-output gain GEC by RNF-resistance, and calculate it with
the following formula.
GEC=0.325/RNF
[A/V]
(GSW = Low : 0V)
GECM=0.65/RNF
[A/V]
(GSW = OPEN)
GECH=1.40/RNF
[A/V]
(GSW = High : 3V↑)
Torque Sense Amp
VCC
GSW
Va
Vb
Vc
Q1
Q2
-
+
-
+
S3313


유사한 부품 번호 - S3313

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
S331 NKK-S331 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
Advanced Technical Mate...
S3317D ATM-S3317D Datasheet
75Kb / 1P
   0.5-18 GHz PIN DIODE SWITCHES
logo
Nihon Kaiheiki Industry...
S331F NKK-S331F Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
Vishay Siliconix
S331K25X5FN6.J5R VISHAY-S331K25X5FN6.J5R Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
S331K25X7RN6 VISHAY-S331K25X7RN6 Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results

유사한 설명 - S3313

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com