전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGFS45V2735 데이터시트(PDF) 2 Page - Mitsubishi Electric Semiconductor

부품명 MGFS45V2735
상세설명  2.7-3.5 GHz BAND / 30W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFS45V2735 데이터시트(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MGFS45V2735 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFS45V2735 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFS45V2735 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
< L/S band internally matched power GaAs FET >
MGFS45V2735
2.7 – 3.5 GHz BAND / 30W
Publication Date : Apr., 2011
2
MGFS45V2735 TYPICAL CHARACTERISTICS
MGFS45V2735 S-parameters( Ta=25deg.C , VDS=10(V),IDS=8(A) )
P1dB,GLP vs. f
41
42
43
44
45
46
47
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
FREQUENCY f (GHz)
10
12
14
16
18
20
22
VDS=10V
ID=8A
P1dB
GLP
Po,P.A.E. vs. Pin
25
30
35
40
45
50
15
20
25
30
35
40
INPUT POW ER Pin (dBm)
0
20
40
60
80
100
VDS=10V
ID=8A
f=3.1GHz
Po
P.A.E.
111
Po,IM3 vs. Pin
26
28
30
32
34
36
38
40
42
18
20
22
24
26
28
30
INPUT POW ER Pin (dBm) S.C.L.
-60
-50
-40
-30
-20
-10
0
10
20
IM3
Po
VDS=10V
IDS=8A
f=3.5GHz
Delta f=10MHz
2-tone tes t
S-Parameter (TYP.)
f
S11
S21
S12
S22
(GHz)
Magn.
Angle(deg)
Magn.
Angle(deg)
Magn.
Angle(deg)
Magn.
Angle(deg)
2.60
0.63
88
3.39
38
0.03
-17
0.59
26
2.70
0.58
47
3.90
3
0.04
-52
0.49
-1
2.80
0.51
1
4.30
-31
0.05
-86
0.41
-30
2.90
0.47
-51
4.52
-66
0.06
-122
0.32
-67
3.00
0.47
-105
4.51
-101
0.06
-157
0.27
-106
3.10
0.50
-152
4.33
-135
0.06
166
0.24
-137
3.20
0.51
166
4.15
-168
0.05
134
0.23
-165
3.30
0.49
123
4.04
159
0.06
100
0.21
174
3.40
0.45
61
3.92
117
0.06
49
0.15
149
3.50
0.48
-11
3.60
76
0.06
8
0.05
165
3.60
0.64
-75
2.86
33
0.05
-40
0.16
-115


유사한 부품 번호 - MGFS45V2735

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFS45V2735 MITSUBISHI-MGFS45V2735 Datasheet
156Kb / 2P
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2735 MITSUBISHI-MGFS45V2735 Datasheet
243Kb / 3P
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHED GaAs FET
MGFS45V2735 MITSUBISHI-MGFS45V2735_04 Datasheet
243Kb / 3P
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHED GaAs FET
More results

유사한 설명 - MGFS45V2735

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFS45V2735 MITSUBISHI-MGFS45V2735 Datasheet
156Kb / 2P
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHD GaAs FET
MGFS45V2735 MITSUBISHI-MGFS45V2735_04 Datasheet
243Kb / 3P
2.7 - 3.5GHz BAND 30W INTERNALLY MATCHED GaAs FET
MGFS44V2735 MITSUBISHI-MGFS44V2735_11 Datasheet
135Kb / 3P
2.7-3.5 GHz BAND / 24W
MGFS45A2527B MITSUBISHI-MGFS45A2527B_11 Datasheet
138Kb / 4P
2.5-2.7 GHz BAND / 32W
MGFS45B2527B MITSUBISHI-MGFS45B2527B Datasheet
189Kb / 4P
2.5-2.7 GHz BAND / 30W
MGFS45V2527A MITSUBISHI-MGFS45V2527A_11 Datasheet
125Kb / 3P
2.7-3.5 GHz BAND / 30W
logo
TriQuint Semiconductor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
30W, 32V DC 3.5 GHz, GaN RF Power Transistor
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10052G5WM1T76 WALSIN-RFLPF10052G5WM1T76 Datasheet
606Kb / 7P
2.3 ~ 2.7 GHz band working frequency
RFLPF16083G5W7T WALSIN-RFLPF16083G5W7T Datasheet
635Kb / 7P
3.5 GHz WiMAX Band RF Application
logo
Qorvo, Inc
QPA3069 QORVO-QPA3069 Datasheet
778Kb / 19P
2.7 ??3.5 GHz 100 W GaN Power Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com