전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SUR526H 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 SUR526H
상세설명  Epitaxial planar NPN silicon transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUR526H 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  SUR526H Datasheet HTML 1Page - KODENSHI_AUK CORP. SUR526H Datasheet HTML 2Page - KODENSHI_AUK CORP. SUR526H Datasheet HTML 3Page - KODENSHI_AUK CORP. SUR526H Datasheet HTML 4Page - KODENSHI_AUK CORP. SUR526H Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-R5R010-002
1
SUR526H
Epitaxial planar NPN silicon transistor
Description
• Dual chip digital transistor
Features
• Two SRC1206 chips in SOT-353 package
• Simplify circuit design
• Reduce a quantity of parts and manufacturing process
Ordering Information
Type NO.
Marking
Package Code
SUR526H
26H □
SOT-353
Device Code ②Year&Week Code
Equivalent circuit & PIN Connections
Absolute Maximum Ratings [Tr1,Tr2]
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Output voltage
VO
50
V
Input voltage
VI
20,-5
V
Output current
IO
100
mA
Power dissipation
PD
200
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
: Total rating
PIN Connections
1. IN 1
2. COMMON 1,2
3. IN 2
4. OUT 2
5. OUT 1
R1
R2
4.7K
Ω
47K
Ω
4.7K
Ω
47K
Ω
Tr1
Tr2
• Equivalent Circuit
Package : SOT-353
Tr2
Tr1
R1
R2
R1
R2


유사한 부품 번호 - SUR526H

제조업체부품명데이터시트상세설명
logo
AUK corp
SUR526H AUK-SUR526H Datasheet
225Kb / 3P
   Dual chip digital transistor
More results

유사한 설명 - SUR526H

제조업체부품명데이터시트상세설명
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com