전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LH540203 데이터시트(PDF) 1 Page - Sharp Corporation

부품명 LH540203
상세설명  CMOS 2048 x 9 Asynchronous FIFO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540203 데이터시트(HTML) 1 Page - Sharp Corporation

  LH540203 Datasheet HTML 1Page - Sharp Corporation LH540203 Datasheet HTML 2Page - Sharp Corporation LH540203 Datasheet HTML 3Page - Sharp Corporation LH540203 Datasheet HTML 4Page - Sharp Corporation LH540203 Datasheet HTML 5Page - Sharp Corporation LH540203 Datasheet HTML 6Page - Sharp Corporation LH540203 Datasheet HTML 7Page - Sharp Corporation LH540203 Datasheet HTML 8Page - Sharp Corporation LH540203 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LH540203
CMOS 2048
× 9 Asynchronous FIFO
FEATURES
•• Fast Access Times: 15/20/25/35/50 ns
•• Fast-Fall-Through Time Architecture Based on
CMOS Dual-Port SRAM Technology
•• Input Port and Output Port Have Entirely
Independent Timing
•• Expandable in Width and Depth
•• Full, Half-Full, and Empty Status Flags
•• Data Retransmission Capability
•• TTL-Compatible I/O
•• Pin and Functionally Compatible with Sharp LH5498
and with Am/IDT/MS7203
•• Control Signals Assertive-LOW for Noise Immunity
•• Packages:
28-Pin, 300-mil PDIP
28-Pin, 300-mil SOJ *
32-Pin PLCC
PIN CONNECTIONS
FUNCTIONAL DESCRIPTION
The LH540203 is a FIFO (First-In, First-Out) memory
device, based on fully-static CMOS dual-port SRAM tech-
nology, capable of storing up to 2048 nine-bit words. It
follows the industry-standard architecture and package
pinouts for nine-bit asynchronous FIFOs. Each nine-bit
LH540203 word may consist of a standard eight-bit byte,
together with a parity bit or a block-marking/framing bit.
The input and output ports operate entirely inde-
pendently of each other, unless the LH540203 becomes
either totally full or else totally empty. Data flow at a port
is initiated by asserting either of two asynchronous, as-
sertive-LOW control inputs: Write (W) for data entry at the
input port, or Read (R) for data retrieval at the output port.
Full, Half-Full, and Empty status flags monitor the
extent to which the internal memory has been filled. The
system may make use of these status outputs to avoid
the risk of data loss, which otherwise might occur either
by attempting to write additional words into an already-full
LH540203, or by attempting to read additional words from
an already-empty LH540203. When an LH540203 is
operating in a depth-cascaded configuration, the Half-Full
Flag is not available.
540203-2D
1
2
3
4
5
6
7
8
9
10
11
12
13
14
W
D8
D3
D2
D1
D0
XI
FF
Q0
Q1
Q2
Q3
Q8
VSS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D7
FL/RT
RS
EF
XO/HF
Q5
Q4
R
Q6
Q7
D6
D5
D4
VCC
28-PIN PDIP
28-PIN SOJ
*
TOP VIEW
Figure 1. Pin Connections for PDIP and
SOJ * Packages
5
6
7
8
9
10
D2
XI
FF
11
2
3
4
32 31 30
29
28
27
26
25
24
NC
EF
14 15 16
20
19
18
17
FL/RT
RS
23
XO/HF
22
21
12
NC
13
1
540203-3D
D1
D0
Q0
Q1
Q2
D6
D7
Q7
Q6
32-PIN PLCC
TOP VIEW
NOTE:
* = No external electrical connections are allowed.
Figure 2.
Pin Connections for PLCC Package
* This is a final data sheet; except that all references to the SOJ package have Advance Information status.
1


유사한 부품 번호 - LH540203

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-25 SHARP-LH540203D-25 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-35 SHARP-LH540203D-35 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

유사한 설명 - LH540203

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7208 IDT-IDT7208 Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com