전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LH540203 데이터시트(PDF) 4 Page - Sharp Corporation

부품명 LH540203
상세설명  CMOS 2048 x 9 Asynchronous FIFO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540203 데이터시트(HTML) 4 Page - Sharp Corporation

  LH540203 Datasheet HTML 1Page - Sharp Corporation LH540203 Datasheet HTML 2Page - Sharp Corporation LH540203 Datasheet HTML 3Page - Sharp Corporation LH540203 Datasheet HTML 4Page - Sharp Corporation LH540203 Datasheet HTML 5Page - Sharp Corporation LH540203 Datasheet HTML 6Page - Sharp Corporation LH540203 Datasheet HTML 7Page - Sharp Corporation LH540203 Datasheet HTML 8Page - Sharp Corporation LH540203 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
OPERATIONAL DESCRIPTION (cont’d)
Retransmit
The FIFO can be made to reread previously-read data
by means of the Retransmit function. A retransmit opera-
tion is initiated by pulsing the RT input LOW. Both R and
W must be deasserted (HIGH) for the duration of the
retransmit pulse. The FIFO’s internal read-address
pointer is reset to point to location zero, the first physical
memory location, while the internal write-address
pointer remains unchanged.
After a retransmit operation, those data words in the
region in between the read-address pointer and the
write-address pointer may be reaccessed by subsequent
read operations. A retransmit operation may affect the
state of the status flags FF, HF, and EF, depending on
the relocation of the read-address pointer. There is no
restriction on the number of times that a block of data
within an LH540203 may be read out, by repeating the
retransmit operation and the subsequent read operations.
The maximum length of a data block which may be
retransmitted is 2048 words. Note that if the write-address
pointer ever ‘wraps around’ (i.e., passes location zero
more than once) during a sequence of retransmit opera-
tions, some data words will be lost.
The Retransmit function is not available when the
LH540203 is operating in depth-cascaded mode,
because the FL/RT control pin must be used for first-load
selection rather than for retransmission control.
Table 1. Grouping-Mode Determination
During a Reset Operation
XI
FL/
RT
MODE
XO/HF
USAGE
XI
USAGE
FL/RT
USAGE
H 1
H
Cascaded
Slave
2
XO
XI
FL
H 1
L
Cascaded
Master
2
XO
XI
FL
L
X
Standalone
HF
(none)
RT
NOTES:
1. A reset operation forces XO HIGH for the nth FIFO, thus forcing
XI HIGH for the (n+1)st FIFO.
2. The terms ‘master’ and ‘slave’ refer to operation in depth-cas-
caded grouping mode.
3. H = HIGH; L = LOW; X = Don’t Care.
Table 2. Expansion-Pin Usage According to
Grouping Mode
I/O
PIN
STANDALONE
CASCADED
MASTER
CASCADED
SLAVE
I
XI
Grounded
From XO
(n-1st
FIFO)
From XO
(n-1st
FIFO)
O
XO/HF
Becomes
HF
To XI
(n+1st
FIFO)
To XI
(n+1st
FIFO)
I
FL/RT
Becomes
RT
Grounded
(Logic
LOW)
Logic
HIGH
Table 3. Status Flags
NUMBER OF UNREAD DATA
WORDS PRESENT WITHIN
2048
× 9 FIFO
FF
HF
EF
0H
H
L
1 to 1024
H
H
H
1025 to 2047
H
L
H
2048
L
L
H
LH540203
CMOS 2048
× 9 Asynchronous FIFO
4


유사한 부품 번호 - LH540203

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-25 SHARP-LH540203D-25 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-35 SHARP-LH540203D-35 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

유사한 설명 - LH540203

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
   CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7208 IDT-IDT7208 Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com