전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM8M64 데이터시트(PDF) 7 Page - Sharp Corporation

부품명 LM8M64
상세설명  Color STN LCD Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 데이터시트(HTML) 7 Page - Sharp Corporation

  LM8M64 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 1 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
3333
13) Procedure insert mating connector
When the mating connector is inserted, it should be parallel to the used connector of LCD module and it
should be inserted horizontally.
When the mating connector is attempted to be fixed to LCD connector, it should be inserted properly in order
not to create a gap as shown “A”.
Please insert the connector as both edge is placed to the connect position of LCD connector.
LCD Connector
Parallel
LCD Connector
A
LCD Connector
14) This specification describes display quality in case of no gray scale. Since display quality can be affected by
gray scale methods, display quality shall be carefully evaluated for the usability of LCD module in case gray
scale is displayed on the LCD module.
15) The module should be driven according to the specified ratings to avoid permanent damage.
DC voltage drive leads to rapid deterioration of LC, so ensure that the drive is alternating waveform by
continuous application of the signal M. Especially the power ON/OFF sequence shown on Page 24 should be
kept to avoid latch-up of drive LSIs and application of DC voltage to LCD panel.



Html Pages

1