전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BDS20 데이터시트(PDF) 2 Page - Seme LAB

부품명 BDS20
상세설명  SILICON EPIBASE NPN DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEME-LAB [Seme LAB]
홈페이지  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDS20 데이터시트(HTML) 2 Page - Seme LAB

  BDS20_09 Datasheet HTML 1Page - Seme LAB BDS20_09 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SILICON EPIBASE NPN
DARLINGTON TRANSISTOR
BDS20
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8215
Issue 1
Page 2 of 2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
VCB = 80V
IE = 0
0.2
VCB = 60V
IE = 0
ICBO
Collector-Cut-Off Current
TC = 150°C
1.0
ICEO
Collector-Cut-Off Current
VCE = 40V
IB = 0
0.5
IEBO
Emitter-Cut-Off Current
VEB = 5V
IC = 0
2
mA
IC = 0.5A
VCE = 3V
1000
hFE
(1)
Forward-current transfer
ratio
IC = 3A
VCE = 3V
1000
IC = 3A
IB = 12mA
2
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 5A
IB = 20mA
4
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 5A
IB = 20mA
2.8
VBE(on)
(1)
Base-Emitter On Voltage
IC = 3A
VCE = 3V
3.5
V
DYNAMIC CHARACTERISTICS
IC = 0.5A
VCE = 4V
fT
Transition Frequency
f = 2MHz
8
MHz
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%
MECHANICAL DATA
Dimensions in mm (inches)
2.54 (0.1)
BSC
3.70 Dia. Nom
1 2 3
0.8
(0.03)
2.70
(0.106)
1.0
(0.039)
4.6 (0.18)
10.6 (0.42)
TO220M(TO-257AB)
Pin 1 – Base
Pin 2 – Collector
Pin 3 - Emitter


유사한 부품 번호 - BDS20_09

제조업체부품명데이터시트상세설명
logo
Seme LAB
BDS20SMD SEME-LAB-BDS20SMD Datasheet
20Kb / 2P
   SILICON PNP EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
BDS20SMD SEME-LAB-BDS20SMD Datasheet
457Kb / 2P
   SILICON EPIBASE NPN DARLINGTON TRANSISTOR
More results

유사한 설명 - BDS20_09

제조업체부품명데이터시트상세설명
logo
TT Electronics.
BDS20 TTELEC-BDS20 Datasheet
803Kb / 2P
   SILICON EPIBASE NPN DARLINGTON TRANSISTOR
logo
Seme LAB
BDS20SMD SEME-LAB-BDS20SMD Datasheet
457Kb / 2P
   SILICON EPIBASE NPN DARLINGTON TRANSISTOR
logo
TT Electronics.
BDS21 TTELEC-BDS21 Datasheet
803Kb / 2P
   SILICON EPIBASE PNP DARLINGTON TRANSISTOR
logo
Seme LAB
BDS21 SEME-LAB-BDS21 Datasheet
803Kb / 2P
   SILICON EPIBASE PNP DARLINGTON TRANSISTOR
BDS21SMD SEME-LAB-BDS21SMD Datasheet
457Kb / 2P
   SILICON EPIBASE PNP DARLINGTON TRANSISTOR
logo
Siemens Semiconductor G...
BD611 SIEMENS-BD611 Datasheet
121Kb / 4P
   NPN SILICON EPIBASE TRANSISTORS
BD433 SIEMENS-BD433 Datasheet
180Kb / 5P
   NPN SILICON EPIBASE TRANSISTORS
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
   NPN Silicon Darlington Transistor
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1 ONSEMI-MMBT6427LT1_06 Datasheet
71Kb / 6P
   Darlington Transistor NPN Silicon
February, 2006 ??Rev. 2
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com